Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KF422BS Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KF422BS
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF422BS Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KF422BS Datasheet HTML 1Page - KEC(Korea Electronics) KF422BS Datasheet HTML 2Page - KEC(Korea Electronics) KF422BS Datasheet HTML 3Page - KEC(Korea Electronics) KF422BS Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Numéro de pièce similaire - KF422BS

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KF422B KEC-KF422B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
More results

Description similaire - KF422BS

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KF402B KEC-KF402B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF942FU KEC-KF942FU Datasheet
142Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF947FU KEC-KF947FU Datasheet
246Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF902FU KEC-KF902FU Datasheet
247Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF GSM)
KFM85M KEC-KFM85M Datasheet
266Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR CDMA IF STAGE)
KFM220M KEC-KFM220M Datasheet
162Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR KOREAN PCS IF STAGE)
KFM210M KEC-KFM210M Datasheet
161Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR US PCS IF STAGE)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF881U KEC-KF881U Datasheet
444Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF881FU KEC-KF881FU Datasheet
441Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com