Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3408 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SK3408
Description  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3408 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SK3408_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3408_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet D15016EJ4V0DS
3
2SK3408
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
10
1
0.1
0.01
10
100
1
0.1
5 s
100
ms
10
ms
PW
=
1
ms
R
DS(on)
Limited
(at
V
GS
=
10
V)
ID(pulse)
ID(DC)
Single pulse
Mounted on 250 mm2 x 35 m copper pad
connected to drain electrode in
2500 mm2 x 1.6 mm FR-4 board
µ
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0
1
2
4
3
0.2
0.4
0.6
0.8
1
VGS = 10 V
4.5 V
4.0 V
0.01
0.001
0.0001
0.00001
1
0
2
34
10
1
0.1
VGS - Gate to Sorce Voltage - V
TA = 125˚C
75˚C
25˚C
−25˚C
FORWARD TRANSFER CHARACTERISTICS
VDS = 10 V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
50
100
0
150
2.5
2
1.5
1
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
1
10
0.1
1
10
0.1
0.01
0.01
TA =
−25˚C
25˚C
75˚C
125˚C
VDS = 10 V


Numéro de pièce similaire - 2SK3408_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK3408 NEC-2SK3408 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
2SK3408 RENESAS-2SK3408 Datasheet
198Kb / 9P
   Old Company Name in Catalogs and Other Documents
More results

Description similaire - 2SK3408_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com