Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2810 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN2810
Description  6-row 85 mA LED driver with boost
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN2810 Datasheet HTML 1Page - STMicroelectronics AN2810 Datasheet HTML 2Page - STMicroelectronics AN2810 Datasheet HTML 3Page - STMicroelectronics AN2810 Datasheet HTML 4Page - STMicroelectronics AN2810 Datasheet HTML 5Page - STMicroelectronics AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LED7707 main features
AN2810
4/17
Doc ID 14893 Rev 1
1
LED7707 main features
1.1
Boost section
4.5 V to 36 V input voltage range
Internal power MOSFET
Internal +5 V LDO for device supply
Up to 36 V output voltage
Constant frequency peak current-mode control
250 kHz to 1 MHz adjustable switching frequency
External sync for multi-device application
Pulse-skip power saving mode at light load
Programmable soft-start
Programmable OVP (overvoltage protection)
Single ceramic output capacitor
Non-latched thermal shutdown
1.2
Backlight driver section
Six rows with 85 mA maximum current capability (adjustable)
Up to 10 WLEDs per row
Parallelable rows for higher current
Row disable option
Less than 10 µs minimum dimming time
±2% current matching between rows
LED failure (open and short-circuit) detection


Numéro de pièce similaire - AN2810

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
   High brightness LEDs are becoming a prominent source of lighting
AN2813 STMICROELECTRONICS-AN2813 Datasheet
380Kb / 25P
   TDE1708DFT in IO-Link applications
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
   NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
More results

Description similaire - AN2810

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
   6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
LED7708 STMICROELECTRONICS-LED7708 Datasheet
861Kb / 53P
   16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
May 2012 Rev 1
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
   6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
logo
Catalyst Semiconductor
CAT4240 CATALYST-CAT4240 Datasheet
313Kb / 14P
   6 Watt Boost LED Driver
CAT4240_0711 CATALYST-CAT4240_0711 Datasheet
285Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com