Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS515 Fiches technique(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No de pièce SS515
Description  Surface Mount Schottky Barrier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Site Internet  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SS515 Fiches technique(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SS515 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS515 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS515 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS515 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SS515 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.0
2.0
3.0
4.0
5.0
6.0
LEAD TEMPERATURE,(°C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
20V~40V
50V~200V
TJ=25°C
TJ=100°C
0.1
1.0
.01
10
50
3.0
.1
.3
.5
.7
.9
1.1
1.3
1.5
80V ~ 100V
FIG.2-TYPICAL FORWARD
50V ~ 60V
FORWARD VOLTAGE,(V)
CHARACTERISTICS
20V ~ 40V
Pulse Width 300us
1% Duty Cycle
T =25 C
J
150V~200V
-
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Numéro de pièce similaire - SS515

FabricantNo de pièceFiches techniqueDescription
logo
Gaomi Xinghe Electronic...
SS515 GXELECTRONICS-SS515 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
logo
Nanjing International G...
SS515 DGNJDZ-SS515 Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS515 ASEMI-SS515 Datasheet
65Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Microdiode Electronics ...
SS515 CHENDA-SS515 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Yangzhou yangjie electr...
SS515 YANGJIE-SS515 Datasheet
512Kb / 2P
   Schottky Rectifier
More results

Description similaire - SS515

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com