Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD253N04S20MSV Fiches technique(PDF) 3 Page - International Rectifier

No de pièce SD253N04S20MSV
Description  FAST RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD253N04S20MSV Fiches technique(HTML) 3 Page - International Rectifier

  SD253N04S20MSV Datasheet HTML 1Page - International Rectifier SD253N04S20MSV Datasheet HTML 2Page - International Rectifier SD253N04S20MSV Datasheet HTML 3Page - International Rectifier SD253N04S20MSV Datasheet HTML 4Page - International Rectifier SD253N04S20MSV Datasheet HTML 5Page - International Rectifier SD253N04S20MSV Datasheet HTML 6Page - International Rectifier SD253N04S20MSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SD253N/R Series
3
www.irf.com
Bulletin I2065 rev. A 09/94
Thermal and Mechanical Specification
Parameter
SD253N/R
Units
Conditions
°C
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.115
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Mounting torque ± 10%
31
Not lubricated threads
24.5
Lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)
See Outline Table
K/W
Nm
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.010
0.008
T
J = TJ max.
120°
0.013
0.014
90°
0.017
0.019
K/W
60°
0.025
0.027
30°
0.044
0.044
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A
M = Stud base DO-205AB (DO-9) M16 X 1.5
8
-7 B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
9
-
V = Glass-metal seal
5
1
2
3
4
SD
25
3
R
16
S20
P
B
V
7
6
89
Device Code
Ordering Information Table


Numéro de pièce similaire - SD253N04S20MSV

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD25-100 ETC1-SD25-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-100-R COOPER-SD25-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results

Description similaire - SD253N04S20MSV

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com