Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U19858EJ1V0PM00 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce U19858EJ1V0PM00
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

U19858EJ1V0PM00 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  U19858EJ1V0PM00_15 Datasheet HTML 1Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 2Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 3Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 4Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 5Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 6Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 7Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 8Page - Renesas Technology Corp U19858EJ1V0PM00_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2
Preliminary Product Information U19858EJ1V0PM
μPD78F8056, 78F8057, 78F8058
2. OUTLINE OF FUNCTIONS
Item
μ PD78F8056Note1
μ PD78F8057Note1
μ PD78F8058Note1
Flash Memory
64 KB
96 KB
128 KB
Internal
memory
RAM
8 KB
8 KB
8 KB
Ceramic/Crystal/External
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
2 to 20 MHz (VDD = 2.7 to 3.6 V), 2 to 5MHz (VDD = 1.8 to 3.6 V)
System
clock
Internal oscillator
1 MHz (TYP.) or 8 MHz (TYP.) or 20 MHz (TYP.)
Subsystem clock
(Oscillation frequency)
XT1 (crystal) oscillation
32.768 KHz (TYP.): VDD = 1.8 V to 5.5 V
Low Speed internal oscillator
(For WDT)
Clock speed : 30 KHz (TYP.)
0.05
μ s (High-speed system clock: fMX = 20 MHz operation)
Minimum instruction cycle
61
μ s (Subsystem clock: fSUB = 32.768 KHz operation)
Total
18
Note 2
CMOS I/O
12
Note 2
CMOS Input
4
Note 2
CMOS Output
1
Note 2
I/O
N-ch Open Drain I/O
1
Note 2
External
4 channels (INTP0, INTP4
Note 2, INTP5, INTP10)
Interrupt
Internal
27 channels
Timer
- 16 Bit Timer : 12 channels ( Unit0: 8 channels, Unit1: 4 channels )
- Watch Dog Timer : 1 channel
- Real Time Counter: 1 channel
Timer outputs
2 (PWM outputs: timer array unit 0: 2
Note 3, timer array unit 1: 0 )
RTC Output
1 (512 Hz, 16.384 KHz, or 32.768 KHz (subsystem clock: fSUB = 32.768 KHz))
Serial Interface
- CSI: 1 channel (dedicated to RF transceiver communication at internal connection)
- CSI/UART/Simplified I
2C: 1channel
- UART (Tx Only) : 1 channel
- UART (LIN supported) : 1 channel
2.4 GHz RF transceiver Function
IEEE802.15.4-2006 specification compatible
(Modulation: O-QPSK Spectrum: DSSS Transmission speed:250 kbps)
Multiplier / Divider
- 16 bits x 16 bits = 32 bits (multiplication)
- 32 bits÷32 bits = 32 bits (division)
DMA controller
2 channels
Power-on-clear circuit
- Power-on-reset: 1.61±0.09 V
- Power-down-reset: 1.59±0.09 V
Low-voltage detector
1.91 V to 3.45 V (11 steps)
On-chip debug Function
provided
Power supply voltage
VDD = 1.8 to 3.6 V
Operation temperature
Ta =
−40 to +85°C
Package
56-pin QFN (8 x 8) (0.5 mm pitch)
Notes 1. Under development
2. Include External Connection externally on the PCB by users between MCU and RF transceiver.
Refer to 6. CONNECTION BETWEEN MCU AND RF TRANSCEIVER.
3. The number of PWM outputs varies, depending on the setting.


Numéro de pièce similaire - U19858EJ1V0PM00_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U198 ETC2-U198 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U198 ETC2-U198 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Description similaire - U19858EJ1V0PM00_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com