Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD178024GC-051 Fiches technique(PDF) 59 Page - NEC

No de pièce UPD178024GC-051
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD178024GC-051 Fiches technique(HTML) 59 Page - NEC

Back Button UPD178024GC-051 Datasheet HTML 55Page - NEC UPD178024GC-051 Datasheet HTML 56Page - NEC UPD178024GC-051 Datasheet HTML 57Page - NEC UPD178024GC-051 Datasheet HTML 58Page - NEC UPD178024GC-051 Datasheet HTML 59Page - NEC UPD178024GC-051 Datasheet HTML 60Page - NEC UPD178024GC-051 Datasheet HTML 61Page - NEC UPD178024GC-051 Datasheet HTML 62Page - NEC UPD178024GC-051 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Data Sheet U14608EJ1V0DS00
59
µµµµPD178024GC-051
Indicator
Description
Digits <3> through <7>
(3) Playback time of CD player
In the CD mode, digits <4> through <7>, with indicator “:”, indicate the playback time (minute:
second) from the beginning of the music being played.
At this time, digit <3> remains dark.
When the playback time is displayed and if the minute digits indicate 9 minutes or less, the minute
digit is prefixed with 0. Similarly, if the second digits indicate 9 seconds or less, the second digit is
prefixed with 0.
While the playback time is being displayed, the number of the track currently being played is
indicated by digits <8> and <9>.
To jump to another track during playback, “00:00” is displayed blinking at a frequency of 1 Hz and
with a duty factor of 50% as the playback time, until the jump is completed and the new track starts
playing.
At this time, the number of the track to be jumped to is displayed with digits <8> and <9>.
Similarly, “00:00” is displayed blinking at a frequency of 1 Hz and with a duty factor of 50% as the
play back time, until the load is complete and playback starts.
At this time, “
−−” is displayed on digits <8> and <9> as the track number.
The playback time is displayed as follows along with the “:” indicator and the track number displayed
with digits <8> and <9>:
Example of displaying playback time
0 1 : 0 3 0 9 ”: 1 minute and 3 seconds have passed since track number 9 started playing.
(Lights)
(Lights)
1 4 : 59 12 ”:
(Lights) (Lights)
14 minutes and 59 seconds have passed since track number 12 started
playing.
0 0 : 0 0 0 7 ”: Play jumps to track number 7.
(Blinks)
(Lights)
“0 0 : 0 0
−− ” : Display from when the disc was loaded until play starts.
(Blinks)
(Lights)


Numéro de pièce similaire - UPD178024GC-051

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD178024GC-051 RENESAS-UPD178024GC-051 Datasheet
613Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
UPD178024GC-051-8BT RENESAS-UPD178024GC-051-8BT Datasheet
613Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
More results

Description similaire - UPD178024GC-051

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD17012GF-055 RENESAS-PD17012GF-055_15 Datasheet
541Kb / 84P
   SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR CAR-MOUNTED FM/MW/LW RADIO
PD178016GC-051 RENESAS-PD178016GC-051_15 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
logo
NEC
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
logo
Fujitsu Component Limit...
MB15U36 FUJITSU-MB15U36 Datasheet
270Kb / 23P
   Dual PLL Frequency Synthesizer with On-Chip Prescaler
logo
NEC
UPD17071GB-012 NEC-UPD17071GB-012 Datasheet
296Kb / 48P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
STMicroelectronics
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
   AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
July 1998
TDA7427 STMICROELECTRONICS-TDA7427 Datasheet
144Kb / 21P
   AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com