Moteur de recherche de fiches techniques de composants électroniques |
|
SD303C08S10 Fiches technique(PDF) 7 Page - International Rectifier |
|
SD303C08S10 Fiches technique(HTML) 7 Page - International Rectifier |
7 / 8 page SD303C..C Series 23 D-6573333 T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.16 DC operation single side cooled junction to heatsink 0.08 DC operation double side cooled F Mounting force, ± 10% 4900 N (500) (Kg) wt Approximate weight 70 g Case style DO-200AA See Outline Table Parameter SD303C..C Units Conditions Thermal and Mechanical Specifications ∆R thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) °C K/W 1 - Diode 2 - Essential part number 3 - 3 = Fast recovery 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (see Voltage Ratings table) 6 - t rr code (see Recovery Characteristics table) 7 - C = Puk Case DO-200AA Ordering Information Table 5 1 2 3 4 SD 30 3 C 25 S20 C 7 6 Device Code Sinusoidal conduction Rectangular conduction Conduction angle Units Conditions Single Side Double Side Single Side Double Side 180° 0.010 0.011 0.008 0.008 120° 0.012 0.013 0.013 0.013 90° 0.016 0.016 0.018 0.018 K/W T J = T J max. 60° 0.024 0.024 0.025 0.025 30° 0.042 0.042 0.042 0.042 To Order Next Data Sheet Index Previous Datasheet |
Numéro de pièce similaire - SD303C08S10 |
|
Description similaire - SD303C08S10 |