Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1117 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRU1117
Description  800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1117 Fiches technique(HTML) 1 Page - International Rectifier

  IRU1117 Datasheet HTML 1Page - International Rectifier IRU1117 Datasheet HTML 2Page - International Rectifier IRU1117 Datasheet HTML 3Page - International Rectifier IRU1117 Datasheet HTML 4Page - International Rectifier IRU1117 Datasheet HTML 5Page - International Rectifier IRU1117 Datasheet HTML 6Page - International Rectifier IRU1117 Datasheet HTML 7Page - International Rectifier IRU1117 Datasheet HTML 8Page - International Rectifier IRU1117 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRU1117
1
Rev. 1.8
02/04/03
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1117 is a low dropout, three-terminal adjustable
regulator with minimum of 800mA output current capa-
bility. This product is specifically designed to provide
well regulated supply for low voltage IC applications such
as high speed bus termination and low current 3.3V logic
supply. The IRU1117 is also well suited for other applica-
tions such as VGA and sound cards. The IRU1117 is
guaranteed to have <1.2V dropout at full load current
making it ideal to provide well regulated outputs of 2.5V
to 3.6V with 4.75V to 7V input supply.
800mA LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
Figure 1 - Typical application of IRU1117 in a 5V to 2.85V SCSI termination regulator.
TJ (°C)
2-PIN PLASTIC
2-PIN PLASTIC
8-PIN PLASTIC
3-PIN PLASTIC
TO-252 (D-Pak)
Ultra Thin-PakTM (P)
SOIC (S)
SOT-223 (Y)
0 To 150
IRU1117CD
IRU1117CP
IRU1117CS
IRU1117CY
Data Sheet No. PD94136
PACKAGE ORDER INFORMATION
VGA & Sound Card Applications
Low Voltage High Speed Termination Applications
Standard 3.3V Chip Set and Logic Applications
FEATURES
APPLICATIONS
Guaranteed < 1.2V Dropout at 800mA Load
Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-In Thermal Shutdown
Available in SOT-223, D-Pak, Ultra Thin-PakTM
and 8-Pin SOIC Surface-Mount Packages
5V
2.85V / 800mA
C1
10uF
C2
10uF
IRU1117
3
1
2
VIN
VOUT
Adj
D1
R1
121
R2
154


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn