Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1117 Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRU1117
Description  800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1117 Fiches technique(HTML) 3 Page - International Rectifier

  IRU1117 Datasheet HTML 1Page - International Rectifier IRU1117 Datasheet HTML 2Page - International Rectifier IRU1117 Datasheet HTML 3Page - International Rectifier IRU1117 Datasheet HTML 4Page - International Rectifier IRU1117 Datasheet HTML 5Page - International Rectifier IRU1117 Datasheet HTML 6Page - International Rectifier IRU1117 Datasheet HTML 7Page - International Rectifier IRU1117 Datasheet HTML 8Page - International Rectifier IRU1117 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRU1117
3
Rev. 1.8
02/04/03
www.irf.com
APPLICATION INFORMATION
Introduction
The IRU1117 adjustable Low Dropout (LDO) regulator is
a three-terminal device which can easily be programmed
with the addition of two external resistors to any volt-
ages within the range of 1.25 to 5.5V. This regulator
only needs 1.3V differential to maintain output regula-
tion. Unlike the first generation of the three-terminal regu-
lators such as LM117 that required 3V differential be-
tween the input and the regulated output.
The IRU1117 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage, reducing the overall system cost with the
need for fewer output capacitors. This is a key require-
ment for today’s low voltage IC applications that typi-
cally need 3.3V supply and are often generated from the
5V supply. Other applications such as high speed
memory termination need to switch the load current from
zero to full load in tens of nanoseconds at their pins,
which translates to an approximately 300 to 500ns cur-
rent step at the regulator. In addition, the output voltage
tolerances are sometimes tight and they include the tran-
sient response as part of the specification.
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU1117.
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
The output of the regulator. A minimum of 10
mF capacitor must be connected from this pin
to ground to insure stability.
The input pin of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be 1.3V higher than VOUT
in order for the device to regulate properly.
1
2
3
Adj
VOUT
VIN
VIN 3
1
Adj
2 VOUT
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn