Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1117-18 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRU1117-18
Description  800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1117-18 Fiches technique(HTML) 1 Page - International Rectifier

  IRU1117-18 Datasheet HTML 1Page - International Rectifier IRU1117-18 Datasheet HTML 2Page - International Rectifier IRU1117-18 Datasheet HTML 3Page - International Rectifier IRU1117-18 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IRU1117-18
1
Rev. 1.1
06/29/01
TYPICAL APPLICATION
DESCRIPTION
The IRU1117-18 is a low dropout three-terminal fixed out-
put regulator with minimum of 800mA output current ca-
pability. This product is specifically designed to provide
well regulated supply for low voltage IC applications as
well as generating clock supply for PC applications. The
IRU1117-18 is guaranteed to have <1.2V dropout at full
load current making it ideal to provide well regulated with
3.8V input supply. The IRU1117-18 is specifically de-
signed to be stable with low cost aluminum capacitors
while maintaining stability with low ESR tantalum caps.
800mA LOW DROPOUT POSITIVE
FIXED 1.8V REGULATOR
Figure 1 - Typical set-up of the IRU1117-18 in a 3.3V to 1.8V regulator application
PRELIMINARY DATA SHEET
Data Sheet No. PD94137
3.3V
1.8V / 800mA
C1
10uF
C2
10uF
IRU1117-18
3
1
2
Vin
Vout
Gnd
Tj (°C)
2-PIN PLASTIC
3-PIN PLASTIC
2-PIN PLASTIC
8-PIN PLASTIC
TO-252 (D-Pak)
SOT-223 (Y)
Ultra Thin-Pak (P)
SOIC (S)
0 To 125
IRU1117-18CD
IRU1117-18CY
IRU1117-18CP
IRU1117-18CS
PACKAGE ORDER INFORMATION
FEATURES
Guaranteed < 1.2V Dropout at 800mA Load
Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-In Thermal Shutdown
Available in SOT-223, D-Pak, Ultra Thin-Pak and
8-Pin SOIC Surface-Mount Packages
APPLICATIONS
Low Voltage IC Supply Applications
PC Clock Supply Voltage


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn