Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL630 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRL630
Description  Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL630 Fiches technique(HTML) 1 Page - International Rectifier

  IRL630 Datasheet HTML 1Page - International Rectifier IRL630 Datasheet HTML 2Page - International Rectifier IRL630 Datasheet HTML 3Page - International Rectifier IRL630 Datasheet HTML 4Page - International Rectifier IRL630 Datasheet HTML 5Page - International Rectifier IRL630 Datasheet HTML 6Page - International Rectifier IRL630 Datasheet HTML 7Page - International Rectifier IRL630 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRL630
HEXFET® Power MOSFET
PD -9.1255
Revision 0
VDSS = 200V
RDS(on) = 0.40
ID = 9.0A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 5.0V
9.0
ID @ TC = 100°C
Continuous Drain Current, V GS @ 5.0V
5.7
A
IDM
Pulsed Drain Current
36
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy
250
mJ
IAR
Avalanche Current
9.0
A
EAR
Repetitive Avalanche Energy
7.4
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
1.7
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Logic-Level Gate Drive
RDS(ON) Specified at VGS = 4V & 5V
150°C Operating Temperature
Fast Switching
Ease of paralleling
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts.
The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Description
Next Data Sheet
Index
Previous Datasheet
To Order


Numéro de pièce similaire - IRL630

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IRL630 VISHAY-IRL630 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
logo
ARTSCHIP ELECTRONICS CO...
IRL630 ARTSCHIP-IRL630 Datasheet
494Kb / 7P
   HEXFET Power Mosfet
logo
Vishay Siliconix
IRL630 VISHAY-IRL630 Datasheet
1Mb / 9P
   Power MOSFET
01-Jan-2022
IRL630 VISHAY-IRL630 Datasheet
895Kb / 9P
   Power MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
IRL630A FAIRCHILD-IRL630A Datasheet
224Kb / 7P
   Advanced Power MOSFET
More results

Description similaire - IRL630

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com