Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17012GF-058 Fiches technique(PDF) 74 Page - NEC

No de pièce UPD17012GF-058
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17012GF-058 Fiches technique(HTML) 74 Page - NEC

Back Button UPD17012GF-058 Datasheet HTML 70Page - NEC UPD17012GF-058 Datasheet HTML 71Page - NEC UPD17012GF-058 Datasheet HTML 72Page - NEC UPD17012GF-058 Datasheet HTML 73Page - NEC UPD17012GF-058 Datasheet HTML 74Page - NEC UPD17012GF-058 Datasheet HTML 75Page - NEC UPD17012GF-058 Datasheet HTML 76Page - NEC UPD17012GF-058 Datasheet HTML 77Page - NEC UPD17012GF-058 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
µPD17012GF-058
74
(b) Continuous up/down
(i) When AUTO500 switch = 0
<1>
<2>
<3>
40 ms
15 ms
<3>
<5>
40 ms
<3>
<5>
40 ms
<4>
0.5 sec
Key on
Key off
At the band edges, the time of <5> is 500 ms, and the time of <4> is 600 ms to 700 ms.
(ii) When AUTO500 switch = 1
The auto-tuning function is enabled by holding down the key for 0.5 second or more, so that continuous
up/down operation is not performed.
(2) Automatic up/down
(a)
SEEK UP ,
SCAN UP , or
SCAN DWN
key
<1>
<2>
<3>
40 ms
15 ms
<5>
<3>
40 ms
<6>
<5>
40 ms
<6>
<5>
40 ms
<6>
<4>
300 - 400 ms
SD, IF check
Station involved
SD, IF check
Station not involved
SD, IF check
Station not involved
Key on
<3>
(b) When the
MAN UP
key is held down for 0.5 second or more when AUTO500 switch = 1
<2>
0.5 sec
<6>
<5>
40 ms
<3>
<6>
<6>
<5>
40 ms
<3>
<4>
300 - 400 ms
SD, IF check
Station involved
SD, IF check
Station not involved
SD, IF check
Station not involved
Key on
<1>
15 ms
<5>
40 ms
In either case (a) or case (b), the time of <5> is 540 ms at the band edges.
An IF check is made twice in the FAST mode and SLOW mode.


Numéro de pièce similaire - UPD17012GF-058

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD17012GF-058 RENESAS-UPD17012GF-058 Datasheet
1Mb / 94P
   MOS INTEGRATED CIRCUIT
1997
UPD17012GF-058-3BE RENESAS-UPD17012GF-058-3BE Datasheet
1Mb / 94P
   MOS INTEGRATED CIRCUIT
1997
More results

Description similaire - UPD17012GF-058

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Integral Corp.
IND1723Q INTEGRAL-IND1723Q Datasheet
102Kb / 2P
   CONTROLLER AND FREQUENCY SYNTHESIZER USED IN AUTOMOBILE RECEIVER WITH FM, MW,LW BAND
logo
NEC
UPD1703C-015 NEC-UPD1703C-015 Datasheet
1Mb / 29P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM/MW/AM TUNER
UPD1703C-018 NEC-UPD1703C-018 Datasheet
1Mb / 23P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR LM,MW AND FM TUNER
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
logo
Sanyo Semicon Device
LC72134M SANYO-LC72134M Datasheet
463Kb / 27P
   Dual PLL Frequency Synthesizer for FM Tuner Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com