Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1-G Fiches technique(PDF) 5 Page - TriQuint Semiconductor

No de pièce AM1-G
Description  High Dynamic Range Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AM1-G Fiches technique(HTML) 5 Page - TriQuint Semiconductor

  AM1-G Datasheet HTML 1Page - TriQuint Semiconductor AM1-G Datasheet HTML 2Page - TriQuint Semiconductor AM1-G Datasheet HTML 3Page - TriQuint Semiconductor AM1-G Datasheet HTML 4Page - TriQuint Semiconductor AM1-G Datasheet HTML 5Page - TriQuint Semiconductor AM1-G Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AM1
High Dynamic Range Gain Block
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
 Phone +1-503-615-9000  FAX: +1-503-615-8900  e-mail: info-sales@tqs.com  Web site: www.TriQuint.com
Page 5 of 6
May 2012
Reference Design: 450 MHz
C=1000 pF
L=82 nH
C=1000 pF
C=1e4 pF
L=15 nH
C=1.2 pF
NET="AM1"
+4.5 V
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
Frequency (GHz)
11
12
13
14
15
16
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)
Reference Design: 800 MHz
C=100 pF
IND
L=33 nH
C=100 pF
C=100 pF
C=1e4 pF
L=6.8 nH
NET="AM1"
PORT
+4.5 V
0.6
0.7
0.8
0.9
1
1.1
1.2
Frequency (GHz)
10
11
12
13
14
15
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: 1900 / 2140 MHz
CAP
ID=C3
C=56 pF
IND
ID=L2
L=33 nH
CAP
C=56 pF
CAP
ID=C1
C=3.9 pF
IND
ID=L1
L=3.3 nH
CAP
C=1e4 pF
TLINP
ID=TL1
Z0=50 Ohm
L=150 mil
Eeff=3.4
Loss=0
F0=2 GHz
SUBCKT
NET="AM1"
+4.5 V
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
Frequency (GHz)
9
10
11
12
13
14
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: CATV Single-ended Operation
L=4.7 nH
C=1.8e4 pF
L=100 nH
C=1000 pF
R=5 Ohm
NET="AM1"
Z=75 Ohm
Z=75 Ohm
+4.5 V
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
11
12
13
14
15
16
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)


Numéro de pièce similaire - AM1-G

FabricantNo de pièceFiches techniqueDescription
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
More results

Description similaire - AM1-G

FabricantNo de pièceFiches techniqueDescription
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
   High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
AG103 WJCI-AG103 Datasheet
167Kb / 5P
   High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
   High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
   High Dynamic Range Gain Block
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
   High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
   High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com