Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0400P Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce N0400P
Description  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P Fiches technique(HTML) 6 Page - Renesas Technology Corp

  N0400P_15 Datasheet HTML 1Page - Renesas Technology Corp N0400P_15 Datasheet HTML 2Page - Renesas Technology Corp N0400P_15 Datasheet HTML 3Page - Renesas Technology Corp N0400P_15 Datasheet HTML 4Page - Renesas Technology Corp N0400P_15 Datasheet HTML 5Page - Renesas Technology Corp N0400P_15 Datasheet HTML 6Page - Renesas Technology Corp N0400P_15 Datasheet HTML 7Page - Renesas Technology Corp N0400P_15 Datasheet HTML 8Page - Renesas Technology Corp N0400P_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
N0400P
Chapter Title
R07DS0500EJ0200 Rev.2.00
Page 6 of 7
Aug 19, 2011
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
-1
-10
-100
Starting Tch = 25
°C
VDD =
−20 V
RG = 25
Ω
VGS =
−12 → 0 V
EAS = 25 mJ
IAS =
−16 A
L - Inductive Load - H
0
20
40
60
80
100
120
25
50
75
100
125
150
VDD =
−20 V
RG = 25
Ω
VGS =
−12 → 0 V
IAS
≤ −16 A
Starting Tch - Starting Channel Temperature -
°C
10
μ
100
μ
1 m
10 m


Numéro de pièce similaire - N0400P_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
N0400P RENESAS-N0400P_12 Datasheet
232Kb / 9P
   N0400P
More results

Description similaire - N0400P_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com