Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2788 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce 2SK2788
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2788 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  2SK2788_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK2788_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0511EJ0300 Rev.3.00
Page 1 of 6
Jul 27, 2011
Preliminary Datasheet
2SK2788
Silicon N Channel MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 0.12  typ (VGS = 10 V, ID = 1 A)
 Low drive current
 High speed switching
 4 V gate drive devices.
Outline
RENESAS Package code: PLZZ0004CA-A
(Package name: UPAK)
1. Gate
2. Drain
3. Source
4. Drain
4
3
2
1
D
G
S
Note:
Marking is “VY”
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
Drain current
ID
2
A
Drain peak current
ID(pulse)*
1
4
A
Body to drain diode reverse drain current
IDR
2
A
Channel dissipation
Pch*
2
1
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
 100 s, duty cycle  10 %
2. When using the alumina ceramic board (12.5 x 20 x 0.7 mm)
R07DS0511EJ0300
(Previous: REJ03G1033-0200)
Rev.3.00
Jul 27, 2011


Numéro de pièce similaire - 2SK2788_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Description similaire - 2SK2788_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com