Moteur de recherche de fiches techniques de composants électroniques |
|
BTB24-800CW Fiches technique(PDF) 5 Page - Kersemi Electronic Co., Ltd. |
|
BTB24-800CW Fiches technique(HTML) 5 Page - Kersemi Electronic Co., Ltd. |
5 / 11 page Figure 7. Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms and corresponding value of I2t Figure 8. Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values) 0.01 0.10 1.00 10.00 100 1000 3000 I (A), I t (A s) TSM 22 t (ms) p T initial=25°C j ITSM dI/dt limitation: 50A/µs I t 2 -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 2.0 2.5 T (°C) j I,I ,I [T ] / GT H L j I ,I ,I [T =25°C] GT H L j IGT IH & IL Figure 9. Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values) Figure 10. Relative variation of critical rate of decrease of main current versus (dV/dt)c Figure 11. D2PAK Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 µm) 0.1 1.0 10.0 100.0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 (dV/dt)c (V/µs) (dI/dt)c [(dV/dt)c] / Specified (dI/dt)c T2535/CW/BW B 0 25 50 75 100 125 0 1 2 3 4 5 6 (dI/dt)c [T ] / pecified] j (dI/dt)c [T s j T (°C) j 0 4 8 12 16 20 24 28 32 36 40 0 10 20 30 40 50 60 70 80 S(cm²) R (°C/W) th(j-a) DPAK 2 BTA24, BTB24, BTA25, BTA26 and T25 series 2014-6-16 www.kersemi.com 5 |
Numéro de pièce similaire - BTB24-800CW |
|
Description similaire - BTB24-800CW |