Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART3000RMXL2U Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce SMART3000RMXL2U
Description  SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000RMXL2U Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART3000RMXL2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000RMXL2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000RMXL2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000RMXL2U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000RMXL2U Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 3kVA 2.88kW Line-Interactive Sine
Wave UPS, Extended Run, SNMP, Webcard, 2U
Rack/Tower, LCD, USB, DB9 Serial
MODEL NUMBER: SMART3000RMXL2U
Description
Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power protection for
critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power Supply (UPS)
with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to usable levels
while maintaining a full battery charge in case of power failure. Tripp Lite's unique configuration excels in
exceptionally poor-power environments with two separate levels of voltage boost to correct both slight
undervoltages and severe brownout conditions. Interactive LCD interface reports UPS operating mode, detailed
UPS and site-power data, plus enables a variety of UPS setup and configuration options. Super-fast switchover
from line to battery power occurs within milliseconds to maintain operation of connected equipment without
interruption or reboot. 96% line-mode efficiency offers reduced heat emissions and operating costs. Network
management interfaces support communications via USB, RS-232 and optional SNMPWEBCARD network
interface. HID-compliant USB port enables integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Network communications ports enable detailed monitoring of equipment
load levels, self-test data and utility power conditions. Includes PowerAlert monitoring software and complete
cabling. Switched output load banks enable scheduled and real-time remote reboot and load shedding of select
outlets. Emergency Power Off (EPO) interface. LCD display panel easily rotates for viewing in rackmount or
tower configurations. Audible alarm with push-button momentary alarm-cancel and silent-mode configuration
options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Tripp Lite SMART3000RMXL2U line interactive 2U rack/tower UPS with 3000VA / 3kVA capacity and
extended runtime options
Line interactive UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 145V
NEMA L5-30P input plug; 8 NEMA 5-15/20R and 1 L5-30R output receptacles, Two independently switchable output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
Highlights
3kVA / 3000VA / 2880W line
interactive 2U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
145V
0.96 Power Factor, Interactive
LCD interface
Extended runtime options up to
2880W
4 post compatible mounting
accessories
96% line-mode efficiency, 2
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA L5-30P input, 8
NEMA 5-15/20R & 1 L5-30R
outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SMART3000RMXL2U UPS
system
PowerAlert Software with USB,
Serial & EPO cabling
4 post rackmount installation kit
Instruction manual
1 / 5


Numéro de pièce similaire - SMART3000RMXL2U

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART3000RM2UL TRIPPLITE-SMART3000RM2UL Datasheet
172Kb / 5P
   SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
SMART3000RM2UN TRIPPLITE-SMART3000RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000RMOD2U TRIPPLITE-SMART3000RMOD2U Datasheet
498Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Hot-Swap, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
More results

Description similaire - SMART3000RMXL2U

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART3000RMOD2U TRIPPLITE-SMART3000RMOD2U Datasheet
498Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Hot-Swap, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMX3000XLRT2UA TRIPPLITE-SMX3000XLRT2UA Datasheet
507Kb / 5P
   SmartPro 230V 3kVA 2.7kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000CRMXL TRIPPLITE-SMART3000CRMXL Datasheet
510Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com