Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART2600RM2U Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce SMART2600RM2U
Description  SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2600RM2U Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART2600RM2U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2600RM2U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2600RM2U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2600RM2U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2600RM2U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
External battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and optional SNMPWEBCARD accessory monitoring options
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
2600
Output kVA Capacity (kVA)
2.6
Output Watt Capacity (Watts)
1920
Output kW Capacity (kW)
1.92
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-14%, +6%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(4) 5-15R; (4) 5-15/20R; (1) L5-20R
Load Management Receptacles
Two switchable single-outlet 5-15R load banks
Output Circuit Breakers
15A breaker protects 5-15R, 20A breaker protects 5-15/20R, L5-20R is unbreakered
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
16A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-20P
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
20A 120V
Input Phase
Single-Phase
2 / 5


Numéro de pièce similaire - SMART2600RM2U_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
More results

Description similaire - SMART2600RM2U_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com