Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART1500SLT Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce SMART1500SLT
Description  SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500SLT Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART1500SLT_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500SLT_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
Supports timed inverter shutoff after unattended shutdown, activate self-test and UPS output power control for scheduled or immediate reboot of
connected equipment
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by systematically restarting applications, operating systems and
ultimately rebooting completely locked computers by momentarily switching UPS power off and back on again (requires optional WATCHDOGSW)
LEDs offer continuous detailed status information of UPS operating parameters and site power quality
Hot-swappable batteries allow on-site battery replacement without powering off connected equipment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
900
Power Factor
0.6
Nominal Output Voltage(s)
Supported
100V; 110V; 120V
Nominal Voltage Details
120V default (voltage selection via back panel switches)
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-13%, + 15%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
10.1A (100V), 9.3A (110V), 8.6A (120V)
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
8 min. (900w)
2 / 5


Numéro de pièce similaire - SMART1500SLT_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
More results

Description similaire - SMART1500SLT_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
SMART750SLT TRIPPLITE-SMART750SLT Datasheet
507Kb / 5P
   SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com