Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7458 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7458
Description  Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7458 Fiches technique(HTML) 2 Page - International Rectifier

  IRF7458 Datasheet HTML 1Page - International Rectifier IRF7458 Datasheet HTML 2Page - International Rectifier IRF7458 Datasheet HTML 3Page - International Rectifier IRF7458 Datasheet HTML 4Page - International Rectifier IRF7458 Datasheet HTML 5Page - International Rectifier IRF7458 Datasheet HTML 6Page - International Rectifier IRF7458 Datasheet HTML 7Page - International Rectifier IRF7458 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7458
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.82
1.3
V
TJ = 25°C, IS = 11A, VGS = 0V
ƒ
–––
0.68
–––
TJ = 125°C, IS = 11A, VGS = 0V
trr
Reverse Recovery Time
–––
51
77
ns
TJ = 25°C, IF = 11A, VR= 20V
Qrr
Reverse Recovery Charge
–––
87
130
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 125°C, IF = 11A, VR=20V
Qrr
Reverse Recovery Charge
–––
93
140
nC
di/dt = 100A/µs
ƒ
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029
–––
V/°C
Reference to 25°C, ID = 1mA
–––
6.3
8.0
VGS = 16V, ID = 14A
ƒ
–––
7.0
9.0
VGS = 10V, ID = 11A
ƒ
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 24V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -24V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
S
D
G
Diode Characteristics
2.3
110
A
VSD
Diode Forward Voltage
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
280
mJ
IAR
Avalanche Current

–––
11
A
Avalanche Characteristics
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
26
–––
–––
S
VDS = 15V, ID = 11A
Qg
Total Gate Charge
–––
39
59
ID = 11A
Qgs
Gate-to-Source Charge
–––
11
17
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.7
13
VGS = 10V
ƒ
Qoss
Output Gate Charge
–––
29
44
VGS = 0V, VDS = 16V
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 15V
tr
Rise Time
–––
4.6
–––
ID = 11A
td(off)
Turn-Off Delay Time
–––
22
–––
RG = 1.8Ω
tf
Fall Time
–––
5.0
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
2410 –––
VGS = 0V
Coss
Output Capacitance
–––
1100 –––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
ƒ = 1.0MHz


Numéro de pièce similaire - IRF7458

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7458PBF IRF-IRF7458PBF Datasheet
130Kb / 8P
   SMPS MOSFET
IRF7458PBF IRF-IRF7458PBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7458PBF IRF-IRF7458PBF Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
More results

Description similaire - IRF7458

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com