Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XBP1008 Fiches technique(PDF) 2 Page - Torex Semiconductor

No de pièce XBP1008
Description  Low Capacitance TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBP1008 Fiches technique(HTML) 2 Page - Torex Semiconductor

  XBP1008 Datasheet HTML 1Page - Torex Semiconductor XBP1008 Datasheet HTML 2Page - Torex Semiconductor XBP1008 Datasheet HTML 3Page - Torex Semiconductor XBP1008 Datasheet HTML 4Page - Torex Semiconductor XBP1008 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XBP1008
■ELECTRICAL CHARACTERISTICS
Ta=25℃
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Stand-Off Voltage
VRWM
-
-
5
V
Breakdown Voltage
VBR
IR=1mA
6
-
-
V
Leakage Current
IR
VR=5V
-
-
20
μA
Clamping Voltage (8/20μs)
VC
IPP=1A
-
-
9.8
V
Clamping Voltage (8/20μs)
VC
IPP=5A
-
-
11
V
Terminal Capacitance
Ct
VR=0V, f=1MHz
Between Pin1,2 to 3
-
-
1.0
pF
■NOTES ON USE
1. Please use this IC within the absolute maximum ratings.
Even within the ratings, in case of high load use continuously such as high temperature, high voltage, high current and thermal stress may
cause reliability degradation of the IC.
2. Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products in their systems.


Numéro de pièce similaire - XBP1008

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XBP1008-12 TOREX-XBP1008-12 Datasheet
182Kb / 5P
   Low Capacitance TVS Diode Array
XBP1008-G TOREX-XBP1008-G Datasheet
182Kb / 5P
   Low Capacitance TVS Diode Array
XBP1008 TOREX-XBP1008_12 Datasheet
182Kb / 5P
   Low Capacitance TVS Diode Array
logo
Peregrine Semiconductor...
XBP1008 PEREGRINE-XBP1008_15 Datasheet
182Kb / 5P
   Low Capacitance TVS Diode Array
More results

Description similaire - XBP1008

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com