Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-7894 Fiches technique(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce MC-7894
Description  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7894 Fiches technique(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7894_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PG10561EJ01V0DS
4
MC-7894
NOTES ON CORRECT USE
(1) The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired stress
to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2) Recommended torque strength of the screw is 59 to 78 Ncm.
(3) Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Partial Heating
Peak temperature (pin temperature) : 350
°C or below Note
Soldering time (per pin of device)
: 3 seconds or less
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.


Numéro de pièce similaire - MC-7894_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-7894-AZ NEC-MC-7894-AZ Datasheet
53Kb / 6P
   1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7894-AZ CEL-MC-7894-AZ Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7894-AZ CEL-MC-7894-AZ Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7894-AZ RENESAS-MC-7894-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7894 CEL-MC-7894_06 Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
More results

Description similaire - MC-7894_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com