Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-7893 Fiches technique(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce MC-7893
Description  MC-7893_15
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7893 Fiches technique(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7893_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NEC Compound Semiconductor Devices Hong Kong Limited
E-mail: ncsd-hk@elhk.nec.com.hk (sales, technical and general)
Hong Kong Head Office
Taipei Branch Office
Korea Branch Office
TEL: +852-3107-7303
TEL: +886-2-8712-0478
TEL: +82-2-558-2120
FAX: +852-3107-7309
FAX: +886-2-2545-3859
FAX: +82-2-558-5209
NEC Electronics (Europe) GmbH
http://www.ee.nec.de/
TEL: +49-211-6503-0 FAX: +49-211-6503-1327
California Eastern Laboratories, Inc.
http://www.cel.com/
TEL: +1-408-988-3500 FAX: +1-408-988-0279
0504
NEC Compound Semiconductor Devices, Ltd.
http://www.ncsd.necel.com/
E-mail: salesinfo@ml.ncsd.necel.com (sales and general)
techinfo@ml.ncsd.necel.com (technical)
Sales Division TEL: +81-44-435-1573 FAX: +81-44-435-1579
For further information, please contact
MC-7893
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.


Numéro de pièce similaire - MC-7893_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-7893-AZ NEC-MC-7893-AZ Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7893-AZ CEL-MC-7893-AZ Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893-AZ RENESAS-MC-7893-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7893 CEL-MC-7893_06 Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
More results

Description similaire - MC-7893_15

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
3379 PHOENIX-3379 Datasheet
437Kb / 7P
   FL MC 2000T
logo
Littelfuse
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
   HDC MHP 100 MC
2748560000 WEIDMULLER-2748560000 Datasheet
262Kb / 3P
   HDC MEMC 2 MC
1428910000 WEIDMULLER-1428910000 Datasheet
732Kb / 4P
   HDC MHE 20 MC
1428950000 WEIDMULLER-1428950000 Datasheet
942Kb / 4P
   HDC MHX 4P MC
2748520000 WEIDMULLER-2748520000 Datasheet
426Kb / 3P
   HDC MGBIT 8 MC
2748480000 WEIDMULLER-2748480000 Datasheet
533Kb / 3P
   HDC MHD 17 MC
2748340000 WEIDMULLER-2748340000 Datasheet
489Kb / 3P
   HDC MHX 2 MC
2592250000 WEIDMULLER-2592250000 Datasheet
107Kb / 3P
   HDC MRJ45 8PLUG MC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com