Moteur de recherche de fiches techniques de composants électroniques |
|
SMART750RMXL2U Fiches technique(PDF) 4 Page - Tripp Lite. All Rights Reserved |
|
SMART750RMXL2U Fiches technique(HTML) 4 Page - Tripp Lite. All Rights Reserved |
4 / 5 page Installation Form Factors Supported with Optional Accessories 2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND) Primary Form Factor Rackmount UPS Power Module Dimensions (hwd, in.) 3.45 x 17.35 x 13.15 UPS Power Module Dimensions (hwd, cm) 8.8 x 44.1 x 33.4 Rack Height (U Spaces) 2 UPS Power Module Weight (lbs.) 35.4 UPS Power Module Weight (kg) 16.1 UPS Shipping Dimensions (hwd / in.) 7.9 x 22.85 x 19.3 UPS Shipping Dimensions (hwd / cm) 20.1 x 58 x 49 Shipping Weight (lbs.) 46.4 Shipping Weight (kg) 21.1 Cooling Method Fan UPS Housing Material Steel ENVIRONMENTAL Operating Temperature Range +32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius Storage Temperature Range +5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius Relative Humidity 0 to 95%, non-condensing AC Mode BTU / Hr. (Full Load) 109 AC Mode Efficiency Rating (100% Load) 95% COMMUNICATIONS Communications Interface USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface Network Monitoring Port Description Supports detailed monitoring of UPS and site power conditions PowerAlert Software Included Communications Cable USB and DB9 cabling included WatchDog Compatibility Supports Watchdog application, OS and hard-reboot restart options for remote applications LINE / BATTERY TRANSFER Transfer Time 4 milliseconds (AC to battery mode), 2 milliseconds (Battery to AC mode) Low Voltage Transfer to Battery Power (Setpoint) 83 High Voltage Transfer to Battery Power (Setpoint) 147 4 / 5 |
Numéro de pièce similaire - SMART750RMXL2U_15 |
|
Description similaire - SMART750RMXL2U_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |