Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04P14A Fiches technique(PDF) 3 Page - SUNMATE electronic Co., LTD

No de pièce BZW04P14A
Description  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04P14A Fiches technique(HTML) 3 Page - SUNMATE electronic Co., LTD

  BZW04P14A Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04P14A Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04P14A Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04P14A Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04P14A Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04P14A Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
58.8
61.6
53.2
BZW04-48
BZW04P48
53.6
56.1
48.5
BZW04-44
BZW04P44
49.4
51.7
44.7
BZW04-40
BZW04P40
45.2
47.3
40.9
BZW04-37
BZW04P37
41.0
42.9
37.1
BZW04-33
BZW04P33
37.8
39.6
34.2
BZW04-31
BZW04P31
34.7
36.3
31.4
BZW04-28
BZW04P28
31.5
33.0
28.5
BZW04-26
BZW04P26
28.4
28.7
25.7
BZW04-23
BZW04P23
25.2
26.4
22.8
BZW04-20
BZW04P20
23.1
20.2
20.9
BZW04-19
BZW04P19
21.0
22.0
BZW04-17
BZW04P17
M
in
M
ax
7.4
53.9
0.100
23.1
17.1
17.1
18.8
23.1
20.5
20.5
0.096
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
27.7
27.7
10.7
14.5
13.0
30.6
37.5
0.097
41.5
0.097
28.2
1.0
8.8
45.7
0.098
14.5
25.6
1.0
1.0
1.0
1.0
9.6
10.7
18.8
1.0
13.0
30.6
33.2
1.0
9.6
41.5
0.098
1.0
12.0
33.2
0.099
28.2
1.0
8.8
45.7
30.8
1.0
8.0
49.9
Stand-of f
v oltage
VWM
(V)
0.099
33.3
1.0
7.4
53.9
0.100
30.8
1.0
8.0
Maximum
temperature
coefficient
of V (BR)
(%/ )
Breakdow n
v oltage V (BR)
(V)(NOTE1)
Test
current
at IT
(mA )
33.3
1.0
25.6
1.0
1.0
59.3
Maximum
reverse
leakge
at V WM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
v oltage at
IPPM V C(V)
49.9
1.0
12.0
64.8
0.101
36.8
1.0
6.7
59.3
0.101
36.8
1.0
6.7
70.1
0.101
40.2
1.0
6.2
64.8
0.101
40.2
1.0
6.2
77.0
0.102
43.6
1.0
5.7
70.1
0.102
43.6
1.0
5.7
Device
type
0.103
47.8
1.0
5.2
77.0
0.103
47.8
1.0
5.2
19.0
19.0
21.0
22.0
BZW04-17
BZW04P17
19.0
19.0
20.9
23.1
20.2
20.9
BZW04-19
BZW04P19
20.9
22.8
25.2
26.4
22.8
BZW04-20
BZW04P20
22.8
17.1
17.1
0.090
0.090
27.7
27.7
14.5
14.5
1.0
1.0
20.5
20.5
0.094
0.094
33.2
1.0
12.0
33.2
1.0
12.0
18.8
0.092
0.092
13.0
30.6
18.8
1.0
13.0
30.6
1.0
25.7
28.4
28.7
25.7
BZW04-23
BZW04P23
23.1
23.1
0.096
0.096
37.5
10.7
37.5
1.0
10.7
1.0
25.7
28.5
31.5
33.0
28.5
BZW04-26
BZW04P26
0.097
41.5
0.097
25.6
1.0
9.6
9.6
41.5
25.6
1.0
28.5
31.4
34.7
36.3
31.4
BZW04-28
BZW04P28
28.2
1.0
8.8
45.7
0.098
0.098
28.2
1.0
8.8
45.7
31.4
34.2
37.8
39.6
34.2
BZW04-31
BZW04P31
0.099
30.8
1.0
8.0
49.9
0.099
30.8
1.0
8.0
49.9
34.2
37.1
41.0
42.9
37.1
BZW04-33
BZW04P33
7.4
53.9
0.100
33.3
1.0
7.4
53.9
0.100
33.3
1.0
37.1
40.9
45.2
47.3
40.9
BZW04-37
BZW04P37
36.8
1.0
6.7
59.3
0.101
40.9
59.3
0.101
36.8
1.0
6.7
44.7
49.4
51.7
44.7
BZW04-40
BZW04P40
64.8
0.101
40.2
1.0
6.2
64.8
0.101
40.2
1.0
6.2
44.7
48.5
53.6
56.1
48.5
BZW04-44
BZW04P44
70.1
0.102
43.6
1.0
5.7
70.1
0.102
43.6
1.0
5.7
48.5
77.0
0.103
47.8
1.0
5.2
77.0
0.103
47.8
1.0
5.2
53.2
58.8
61.6
53.2
BZW04-48
BZW04P48
53.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
A
CA
A
CA
A
CA
A
CA
CA
A
CA
A
3of6


Numéro de pièce similaire - BZW04P14A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZW04P14 EIC-BZW04P14 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P14 MDE-BZW04P14 Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P14 GE-BZW04P14 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P14 DBLECTRO-BZW04P14 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P14 BILIN-BZW04P14 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - BZW04P14A

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com