Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1648 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SA1648
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1648 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SA1648_15 Datasheet HTML 1Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 2Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 3Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 4Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 5Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 6Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D16121EJ4V0DS
3
2SA1648,1648-Z
TYPICAL CHARACTERISTICS (TA = 25
°C)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
DERATING CURVE OF
SAFE OPERATING AREA
18
15
12
9
6
3
050
75
25
100
125
150
175
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
−5
−4
−3
−2
−1
0
−1
−2
IB =
−2 mA
−20 mA
−16 mA
−12 mA
−8 mA
−4 mA
−3
−4
FORWARD BIAS SAFE OPERATING AREA
IC(pulse)
PW
=
1
ms
10
ms
IC(DC)
−10
−1.0
−0.1
−10
−1.0
−100
TRANSIENT THERMAL RESISTANCE
1000
100
10
1.0
0.1
1 m
10 m 100 m
1
10
100
1000 10000
DC CURRENT GAIN vs.
COLLECTOR CURRENT
10000
1000
100
10
1
−0.01
−0.1
−1
−10
−100
100
80
60
40
20
050
75
25
S/b
Limited
Dissipation
Limited
100
150
125
Power
Dissipation
Limited
Rth(j−A) = 125
°C/W
Rth(j−C) = 6.94
°C/W
Case Temperature TC (
°C)
Case Temperature TC (
°C)
Pulse Width PW (s)
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
TC = 25
°C
Single pulse
Collector Current IC (A)
VCE =
−2.0 V
Pulse test
TC = 25
°C
Single pulse


Numéro de pièce similaire - 2SA1648_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SA1648-Z NEC-2SA1648-Z Datasheet
156Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1648-Z ISC-2SA1648-Z Datasheet
245Kb / 2P
   isc Silicon PNP Power Transistor
More results

Description similaire - 2SA1648_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com