Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF100 Datasheet(Fiches technique) 1 Page - SUNMATE electronic Co., LTD

Numéro de pièce UF100
Description  1.0A Axial Leaded Ultrfast Switching Fast Rectifier
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF100 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF100 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF100 Datenblatt HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Void-free Plastic in DO-41 package
1.0 ampere operation at TA=55 ¢J with no thermal runaway
Exceeds environmental standards of MIL-S-19500/228
Ultra fast switching for high efficiency
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.013 ounce, 0.3 gram
,
,
,
.
UF100
UF101
UF102
UF104
UF106
UF108
UF1010
UNITS
Peak Reverse Voltage, Pepetitive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Blocking Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55 ¢J 3.8”
lead length, 60Hz, resistive or inductive load
1.0
A
Peak Forward Surge Current IFM (surge)
8.3msec. single half sine-wave
superimposed on rated load (JEDEC
method)
30.0
A
Maximum Forward Voltage VF @1.0A, 25 ¢J
1.00
1.10
1.70
V
Maximum Reverse Current, @ Rated TJ=25 ¢J
Reverse Voltage TJ=100 ¢J
10.0
500
£g A
£g A
Typical Junction capacitance (Note 1) CJ
17.0
PF
Typical Junction Resistance (Note 2) R £KJA
60.0
¢J /W
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
50
50
50
75
75
75
ns
Operating and Storage Temperature Range
-55 TO +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
UF100-UF1010
1.0A Axial Leaded Ultrfast Switching Fast Rectifier


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn