Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBYV26C Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce SBYV26C
Description  1.0A Axial Leaded Ultra Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SBYV26C Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  SBYV26C Datasheet HTML 1Page - SUNMATE electronic Co., LTD SBYV26C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
1
100
10
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 50 HZ
0
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
Fig. 1 – Maximum Forward Current
Derating Curve
Temperature (
°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Instantaneous Forward Voltage (V)
020
60
40
100
80
Fig. 4 – Typical Reverse Leakage
Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.4
0.2
Mounted on P.C.B.
Lead mounted on
heatsink
0.01
0.1
10
100
1
TJ = 25
°C
TJ = 125
°C
TJ = 165
°C
t, Pulse Duration (sec.)
0.01
0.1
1
10
100
100
10
1
0.01
0.001
0.1
10
1
100
Fig. 6 – Typical Transient Thermal
Impedance
TJ = TJ max.
10ms Single Half Sine-Wave
Pulse Width = 300
µs
1% Duty Cycle
Fig. 3 – Typical Instantaneous
Forward Characteristics
Reverse Voltage (V)
0.1
1
10
100
100
10
1
Fig. 5 – Typical Junction Capacitance
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
TJ = 25
°C
TJ = 125
°C
TJ = 165
°C
TL
TA
2of2


Numéro de pièce similaire - SBYV26C

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
   Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
   Glass Passivated Ultrafast Rectifier
More results

Description similaire - SBYV26C

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier Diodes
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
UF100 SUNMATE-UF100 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
MUR440 SUNMATE-MUR440 Datasheet
204Kb / 2P
   4.0A Axial Leaded Ultra-Fast Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com