Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0604N Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce N0604N
Description  N-channel MOSFET 60 V, 82 A, 6.5 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0604N Fiches technique(HTML) 6 Page - Renesas Technology Corp

  N0604N_15 Datasheet HTML 1Page - Renesas Technology Corp N0604N_15 Datasheet HTML 2Page - Renesas Technology Corp N0604N_15 Datasheet HTML 3Page - Renesas Technology Corp N0604N_15 Datasheet HTML 4Page - Renesas Technology Corp N0604N_15 Datasheet HTML 5Page - Renesas Technology Corp N0604N_15 Datasheet HTML 6Page - Renesas Technology Corp N0604N_15 Datasheet HTML 7Page - Renesas Technology Corp N0604N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
N0604N
Chapter Title
R07DS0850EJ0100 Rev.1.00
Page 6 of 6
Aug 27, 2012
Package Drawing (Unit: mm)
TO-220
1. Gate
2. Drain
3. Source
4. Fin (Drain)
123
4
2.54 TYP.
2.54 TYP.
2.4±0.2
1.3±0.2
0.5±0.2
8.7 TYP.
0.8±0.1
10.2 MAX.
4.8 MAX.
1.52±0.2
3.6±0.2
Equivalent Circuit
Source
Body
Diode
Gate
Drain
Remark
Strong electric field, when exposed to this device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static
electricity as much as possible, and quickly dissipate it once, when it has occurred.


Numéro de pièce similaire - N0604N_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
More results

Description similaire - N0604N_15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NVMFD5C668NL ONSEMI-NVMFD5C668NL Datasheet
230Kb / 7P
   MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMA8884 FAIRCHILD-FDMA8884 Datasheet
250Kb / 6P
   Single N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
logo
ON Semiconductor
FDB86566-F085 ONSEMI-FDB86566-F085 Datasheet
531Kb / 7P
   N-Channel PowerTrench MOSFET 60 V, 110 A, 2.7 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS86101 FAIRCHILD-FDMS86101_12 Datasheet
294Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 8 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com