Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC8158K Fiches technique(PDF) 5 Page - NEC

No de pièce UPC8158K
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC8158K Fiches technique(HTML) 5 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Data Sheet P13831EJ1V1DS00
5
µµµµPC8158K
ELECTRICAL CHARACTERISTICS
Conditions (Unless otherwise specified):
TA = +25 °C, VCC1 = VCC2 = VCC3 = 3.0 V, VPS/VAGC = 2.5 V,
I/Q (DC) = Ib/Qb (DC) = VCC/2 = 1.5 V, VI/Ibin = VQ/Qbin = 500 mVP-P (each), fI/Qin = 2.625 kHz,
π/4DQPSK wave input, transmission rate 42 kbps, filter roll-off
α = 0.5,
Modulation Pattern: <0000>
fLO1in = 178.05 MHz, PLO1in = –15 dBm
fLO2in = 1619.05 MHz, PLO2in = –15 dBm
fRFout = 1441 MHz – fI/Qin
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
UP-CONVERTER + QUADRATURE MODULATOR TOTAL
Total Circuit Current
ICC (TOTAL)
No input signal
23.7
28
37.6
mA
Total Circuit Current at Power Save Mode
ICC (PS) TOTAL
VPS
≤ 0.5 V (Low),
No input signal
–0.3
10
µA
Total Output Power 1
PRFout1VAGC = 2.5 V
–15
–11.5
–8
dBm
Total Output Power 2
PRFout2VAGC = 1.0 V
–56.5
–52
–46.5
dBm
LO Carrier Leak
LOL
fLOL = fLO1 + fLO2
–40
–30
dBc
Image Rejection (Side Band Leak)
ImR
–40
–30
dBc
I/Q 3rd order distortion
IM3 (I/Q)
–50
–30
dBc
AGC Gain Control Range
GCR
VAGC = 2 V
→ 1 V
35
40
dB
Error Vector Magnitude
EVM
MOD Pattern: PN9
1.2
3.0
%rms
Adjacent channel interference
Padj
∆f = ±50 kHz,
MOD Pattern: PN9
–65
–60
dBc
Spurious suppression
Pout (8fLO1)
fLO1
× 8, fLO1 × 8 (image)Note
–70
–65
dBc
Power Save Rise Time
TPS (Rise)
VPS (Low)
→ VPS (High)
–2
5
µs
Power Save Fall Time
TPS (Fall)
VPS (High)
→ VPS (Low)
–2
5
µs
I/Q input impedance
ZI/Q
Between pin I/Ib, Q/Qb
80
200
k
I/Q input bias current
II/Q
Between pin I/Ib, Q/Qb
5
13
µA
LO1 input VSWR
ZLO1
fLO1 = 100 M to 300 MHz
1.5:1
Note Without external LC between Fil1 and Fil2 pin on this frequency conditions.
Spectrum analyzer conditions: VBW = 300 Hz, RBW = 300 Hz.
Remark Electrical characteristics in this document is described for 1.5 GHz system.


Numéro de pièce similaire - UPC8158K

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8158K NEC-UPC8158K Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
More results

Description similaire - UPC8158K

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com