Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT359 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce PZT359
Description  High Current Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT359 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT359_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT359_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT359
PNP Silicon Planar
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Features
Excellent gain characteristic specified up to 10Amps.
5 Amps continuous current, up to 10 Amp peak current.
Very low saturation voltage
Mechanical Data
Case: SOT-223 Plastic Package
Weight: approx. 0.021g
Marking Code: 359
xxxx
(xxxx = date code)
RoHS Compliant Product
01-Jun-2002 Rev. A
Page 1 of 2
Electrical Characteristics
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-140
-
-
V
IC=-100
μA, IE=0
Collector-Emitter Breakdown Voltage
(w/ Real Device Limit)
BVCER
-140
-
-
V
IC=-1
μA, RB<=1KΩ
Collector-Emitter Breakdown Voltage
*BVCEO
-100
-
-
V
IC=-10mA, IB=0
Emitter-Base Breakdown Voltage
BVEBO
-6
-
-
V
IE=-100
μA, IC=0
Collector-Base Cutoff Current
ICBO
--
-50
nA
VCB=-100V, IE=0
Collector-Base Cutoff Current
(w/ Real Device Limit)
ICER
--
-50
nA
VCB=-100V, R<=1K
Ω
Emitter-Base Cutoff Current
IEBO
--
-10
nA
VEB=-6V, IC=0
Collector Saturation Voltage 1
*VCE(sat)1
-
-20
-50
mV
IC=-100mA, IB=-10mA
Collector Saturation Voltage 2
*VCE(sat)2
-
-90
-115
mV
IC=-1A, IB=-100mA
Collector Saturation Voltage 3
*VCE(sat)3
-
-160
-220
mV
IC=-2A, IB=-200mA
Collector Saturation Voltage 4
*VCE(sat)4
-
-300
-420
mV
IC=-4A, IB=-400mA
Base Saturation Voltage
*VBE(sat)
-
-1.01
-1.17
V
IC=-4A, IB=-400mA
Base-Emitter Voltage
*VBE(on)
-
-0.925
-1.16
V
VCE=-1V, IC=-4A
DC Current Gain 1
*hFE1
100
200
-
VCE=-1V, IC=-10mA
DC Current Gain 2
*hFE2
100
200
300
VCE=-1V, IC=-1A
DC Current Gain 3
*hFE350
90
-
VCE=-1V, IC=-3A
DC Current Gain 4
*hFE430
50
-
VCE=-1V, IC=-
4A
DC Current Gain 5
*hFE515
-
VCE=-1V, IC=-10A
Gain-Bandwidth Product
fT
-
-
125
-
MHz VCE=-10V, IC=-100mA, f=50MHz
(TJ =25
OC, unless otherwise noted)
High Current Transistor
B
C
E
C
SOT-223
12
3
1.
BASE
Maxim
Junction Temperature
um Ratings and Thermal Characteristics
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
-100
V
Collector-Base Voltage
VCBO
-140
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-5
Total Power Dissipation
PD
W
3
Storage Temperature
Tstg
-55 to +150
*The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 4 square inch minimum.
A
A
Collector Current (Pulse)
IC
-10
(TA = 25
OC, unless otherwise noted)
2.
COLLECTOR
3.
EMITTER
Tj
+150
OC
O C
1.6


Numéro de pièce similaire - PZT359_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
PZT359 SECOS-PZT359 Datasheet
334Kb / 2P
   High Current Transistor
More results

Description similaire - PZT359_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UP1855 UTC-UP1855 Datasheet
102Kb / 4P
   HIGH CURRENT TRANSISTOR
UP1855A UTC-UP1855A_15 Datasheet
200Kb / 4P
   HIGH CURRENT TRANSISTOR
UP1856 UTC-UP1856 Datasheet
89Kb / 3P
   HIGH CURRENT TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZT159 SECOS-PZT159 Datasheet
562Kb / 2P
   High Current Transistor
logo
Unisonic Technologies
UP1855 UTC-UP1855_09 Datasheet
201Kb / 4P
   HIGH CURRENT TRANSISTOR
UP1855A UTC-UP1855A Datasheet
166Kb / 4P
   HIGH CURRENT TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZT359 SECOS-PZT359 Datasheet
334Kb / 2P
   High Current Transistor
logo
List of Unclassifed Man...
BDY29 ETC-BDY29 Datasheet
204Kb / 4P
   HIGH POWER HIGH CURRENT TRANSISTOR
logo
Comset Semiconductor
BUW48 COMSET-BUW48 Datasheet
73Kb / 3P
   HIGH CURRENT SWITCHING TRANSISTOR
logo
TT Electronics.
BUY48X TTELEC-BUY48X Datasheet
100Kb / 3P
   HIGH VOLTAGE, HIGH CURRENT NPN TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com