Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF3205S Fiches technique(PDF) 10 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF3205S
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3205S Fiches technique(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF3205S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF3205S Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
D2Pak Tape & Reel Information
3
4
4
TR R
F E ED DIR E CT IO N
1.85 (.07 3)
1.65 (.06 5)
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 (.16 1)
3.90 (.15 3)
TR L
F E E D DIREC T IO N
1 0 .90 (.4 29)
1 0 .70 (.4 21)
16.1 0 (.634 )
15.9 0 (.626 )
1.75 (.0 6 9 )
1.25 (.0 4 9 )
11.60 (.45 7)
11.40 (.44 9)
15 .4 2 (.60 9 )
15 .2 2 (.60 1 )
4 .72 (.13 6)
4 .52 (.17 8)
24 .3 0 (.957 )
23 .9 0 (.941 )
0.36 8 (.0 1 45)
0.34 2 (.0 1 35)
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330.00
(14.1 73)
MAX.
27.40 (1.079)
23.90 (.941)
60 .0 0 (2.3 6 2)
M IN .
30.40 (1 .197)
M A X .
26 .40 (1.039)
24 .40 (.961)
NOT E S :
1. C O M F O R M S TO E IA-418.
2 . CONT R O L LIN G DIM ENS IO N: M ILL IM E T ER .
3 . DIM E N S IO N M E A S URE D @ H U B .
4 . INCL UDE S F LAN G E DIST ORT ION @ OUT E R ED G E .
IRF3205S/L
2014-8-28
10
www.kersemi.com


Numéro de pièce similaire - IRF3205S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
609Kb / 10P
   HEXFET Power MOSFET
IRF3205S IRF-IRF3205S Datasheet
618Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF3205S ISC-IRF3205S Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3205SPBF IRF-IRF3205SPBF Datasheet
277Kb / 10P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRF3205S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com