Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4416A Fiches technique(PDF) 1 Page - Calogic, LLC

No de pièce 2N4416A
Description  High Frequency Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALOGIC [Calogic, LLC]
Site Internet  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N4416A Fiches technique(HTML) 1 Page - Calogic, LLC

  2N4416A Datasheet HTML 1Page - Calogic, LLC 2N4416A Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET
High Frequency Amplifier
2N4416 / 2N4416A / PN4416
FEATURES
•• Low Noise
•• Low Feedback Capacitance
•• Low Output Capacitance
•• High Transconductance
•• High Power Gain
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage
2N4416, PN4416 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V
2N4416A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range
2N4416/2N4416A . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
PN4416 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC +150oC
Operating Temperature Range
2N4416/2N4416A . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
PN4416 . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC
2N4416/2N4416A . . . . . . . . . . . . . . . . . . . . . . . . 1.7mW/
oC
PN4416 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7mW/
oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4416
Hermetic TO-72
-55
oC to +135oC
2N4416A
Hermetic TO-72
-55
oC to +135oC
PN4416
Plastic TO-92
-55
oC to +135oC
X2N4416
Sorted Chips in Carriers
-55
oC to +135oC
LLC
PIN CONFIGURATION
D
S
G
TO-92
TO-72
G
D
C
S
CJ1
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS007 REV A


Numéro de pièce similaire - 2N4416A

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
2N4416A CALOGIC-2N4416A Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
logo
Micro Electronics
2N4416A MICRO-ELECTRONICS-2N4416A Datasheet
140Kb / 1P
   N-CHANNEL FET
logo
Vishay Siliconix
2N4416A VISHAY-2N4416A Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Linear Integrated Syste...
2N4416A LINEAR-2N4416A Datasheet
237Kb / 2P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
More results

Description similaire - 2N4416A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Fairchild Semiconductor
KSC2223 FAIRCHILD-KSC2223 Datasheet
71Kb / 5P
   High Frequency Amplifier
logo
Hitachi Semiconductor
2SC5025 HITACHI-2SC5025 Datasheet
11Kb / 3P
   High frequency amplifier
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
   High frequency amplifier
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
   High Frequency Amplifier
logo
ON Semiconductor
KSC2223 ONSEMI-KSC2223 Datasheet
183Kb / 7P
   High Frequency Amplifier
Rev. B2, November 2002
logo
Calogic, LLC
2N5484 CALOGIC-2N5484_15 Datasheet
87Kb / 2P
   HIGH FREQUENCY AMPLIFIER
2N5911 CALOGIC-2N5911_15 Datasheet
41Kb / 2P
   High Frequency Amplifier
logo
Leshan Radio Company
L2SC4083PT1G LRC-L2SC4083PT1G_15 Datasheet
519Kb / 2P
   High-Frequency Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com