Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCPERS450 Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce BCPERS450
Description  BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPERS450 Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BCPERS450_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC Personal 120V 450VA 280W Standby UPS,
Tower, USB port, 3 Outlets
MODEL NUMBER: BCPERS450
Description
Tripp Lite's BCPERS450 standby UPS offers AC surge suppression and long lasting battery support for desktop PCs, network workstations and a wide variety
of consumer and professional electronics. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected
equipment running without interruption or data loss during power failures, brownouts and overvoltages. AC surge suppression prevents connected equipment
damage. USB communications port supports built-in power management and auto-shutdown features of Windows and Mac OS X or full featured monitoring
and data-saving auto-shutdown options using Tripp Lite's free PowerAlert monitoring software.
Features
BCPERS450 small tower 120V standby UPS offers AC power protection from blackouts, brownouts, overvoltages and transient surges
450VA / 280 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts, brownouts and overvoltages to prevent data loss
and system downtime for connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
4.6 minutes runtime at 100% load (280 watts), 15 minutes runtime at 50% load (140 watts)
30 minutes runtime for a desktop computer system consuming 80 watts continuous
3 built-in NEMA 5-15R UPS supported outlets
NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
Front panel LEDs indicate line / battery mode and battery replace status; Audible alarm with alarm cancel / self-test button
Hot swappable user battery replacement
Optional PDUB15 bypass PDU enable hot-swappable UPS replacement with no disruption to connected equipment
Small tower housing supports desk or floor placement
Highlights
450VA tower 120V standby UPS
Maintains AC output during power
failures
USB port, Status LEDs
NEMA 5-15P input plug and 3
NEMA 5-15R outlets
Package Includes
BCPERS450 UPS System
Instruction manual
1 / 4


Numéro de pièce similaire - BCPERS450_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results

Description similaire - BCPERS450_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
   BC Personal 300VA Tower Standby 120V UPS
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com