Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

111RKI Fiches technique(PDF) 1 Page - International Rectifier

No de pièce 111RKI
Description  PHASE CONTROL THYRISTORS Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

111RKI Fiches technique(HTML) 1 Page - International Rectifier

  111RKI Datasheet HTML 1Page - International Rectifier 111RKI Datasheet HTML 2Page - International Rectifier 111RKI Datasheet HTML 3Page - International Rectifier 111RKI Datasheet HTML 4Page - International Rectifier 111RKI Datasheet HTML 5Page - International Rectifier 111RKI Datasheet HTML 6Page - International Rectifier 111RKI Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
110A
PHASE CONTROL THYRISTORS
Stud Version
111RKI SERIES
Bulletin I25152/B
Features
High current and high surge ratings
dv/dt = 1000V/µs option
Ceramic housing
Threaded studs UNF 1/2 - 20UNF2A
Types up to 1200V V
RRM
/V
DRM
di/dt = 300A/µs
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
110
A
@ T
C
90
°C
I
T(RMS)
172
A
I
TSM
@ 50Hz
2080
A
@ 60Hz
2180
A
I
2t
@ 50Hz
21.7
KA
2s
@ 60Hz
19.8
KA
2s
V
DRM
/V
RRM
400 to 1200
V
t
q
typical
110
µs
T
J
- 40 to 140
°C
Parameters
111RKI
Units
Major Ratings and Characteristics
case style
TO-209AC (TO-94)
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1500.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:25.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:3000.16H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:50.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:3200.02 Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:60.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:100.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:180.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn