Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

111RKI Fiches technique(PDF) 6 Page - International Rectifier

No de pièce 111RKI
Description  PHASE CONTROL THYRISTORS Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

111RKI Fiches technique(HTML) 6 Page - International Rectifier

  111RKI Datasheet HTML 1Page - International Rectifier 111RKI Datasheet HTML 2Page - International Rectifier 111RKI Datasheet HTML 3Page - International Rectifier 111RKI Datasheet HTML 4Page - International Rectifier 111RKI Datasheet HTML 5Page - International Rectifier 111RKI Datasheet HTML 6Page - International Rectifier 111RKI Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
111RKI Series
2222222222222
12
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.043
0.031
T
J
= T
J
max.
120°
0.052
0.053
90°
0.066
0.071
K/W
60°
0.096
0.101
30°
0.167
0.169
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
3
11
1
RKI 120
Device Code
1
2
5
4
1
-
I
T(AV)
rated average output current (rounded/10)
2
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
3
-
Thyristor
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Rating Table)
5
-
Critical dv/dt:
None = 500V/µsec
S90
= 1000V/µsec
Outline Table
Case Style TO-208AD (TO-83)
All dimensions in millimeters (inches)
1/2"-20UNF-2A
29.5 (1.16)
7.5
(0.30)
22.5 DIA.
5.2 (0.20) DIA.
(0.89) MAX.
1.5 (0.06) DIA.
CERAMIC HOUSING
FLAG TERMINAL
2.4 (0.09)
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:1500.02H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:25.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:3000.16H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:50.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:3200.02 Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:60.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:100.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:180.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn