Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-114 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ST-114
Description  Downconverter Evaluatiuon Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ST-114 Fiches technique(HTML) 1 Page - Intersil Corporation

  ST-114 Datasheet HTML 1Page - Intersil Corporation ST-114 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ST-114
Product
Sheet
The ST-114 is a flexible PC/AT ISA bus evaluation platform for the Intersil HSP50214
Programmable Downconverter. Within a matter of minutes after installation in a PC, the ST-
114 is up and running. The board simultaneously generates and tunes signals anywhere
from dc to 20 MHz. Signal types include FM, FSK, BPSK and QPSK. Tuning and
demodulation are completely digital and allow nearly continuous bandwidth and data rate
selection up to 1.2 MHz.
The board is controlled through a Windows interface which allows full access to all
HSP50214 registers, and provides controls and displays for FM, FSK, BPSK and QPSK
signal demodulation. To speed evaluation, the ST-114 includes a Intersil HI5703 10 Bit 40
Msample/sec A/D converter, Texas Instruments TMS320C50 DSP processor, Intersil
HSP45106 Numerically Controlled Oscillator, dual Intersil CA3338A high speed D/A
converters and a 16 bit audio D/A converter.
For rapid prototyping data and control signals can be accessed in a variety of ways. Analog
signals are connected to the HI5703 A/D converter through a rear panel mounted SMA
connector. Alternatively, parallel TTL level digital signals can be input through a ribbon
cable connector on the board. Input samples are then processed by the HSP50214 and
supplied to the TMS320C50 processor. The TMS320C50 implements carrier and data
tracking loops and formats the data for output through the 18 bit audio D/A converter that is
capable of driving standard multi-media speakers. The two CA3338A D/A converters
provide wideband I/Q outputs.
The Intersil HSP45106 NCO and internal bit error rate tester generate either digital or
analog FSK, BPSK or QPSK for loopback testing.
Key Features
• Input: Analog: -10 to -50 dBm, Digital: TTL data + clock
• Output: Audio, I/Q, Clock + Data, Parallel TTL
• DSP: TMS320C50 with JTAG connector
• Signal Generator: FSK, BPSK, QPSK
• Size: PC/AT with ISA bus


Numéro de pièce similaire - ST-114

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results

Description similaire - ST-114

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
[Old version datasheet]   RF DOWNCONVERTER
logo
Mitel Networks Corporat...
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
   Quadrature Downconverter
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
   Programmable Downconverter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com