Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP279 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce OP279
Description  Rail-to-Rail High Output Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP279 Fiches technique(HTML) 10 Page - Analog Devices

Back Button OP279_15 Datasheet HTML 6Page - Analog Devices OP279_15 Datasheet HTML 7Page - Analog Devices OP279_15 Datasheet HTML 8Page - Analog Devices OP279_15 Datasheet HTML 9Page - Analog Devices OP279_15 Datasheet HTML 10Page - Analog Devices OP279_15 Datasheet HTML 11Page - Analog Devices OP279_15 Datasheet HTML 12Page - Analog Devices OP279_15 Datasheet HTML 13Page - Analog Devices OP279_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP179/OP279
–10–
REV. G
6.2V
6.2V
TRANSMIT
TXA
RECEIVE
RXA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
TX GAIN
ADJUST
A1
A2
A3
A4
A1, A2 = 1/2 OP279
A3, A4 = 1/2 OP279
R3
55
R4
55
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
9.09k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
RX GAIN
ADJUST
2k
ZO
110
5V DC
Figure 10. A Single-Supply Direct Access Arrangement for
Modems
A Single-Supply, Remote Strain Gage Signal Conditioner
The circuit in Figure 11 illustrates a way by which the OP179/
OP279 can be used in a 12 V single supply, 350
Ω strain gage
signal conditioning circuit. In this circuit, the OP179/OP279
serves two functions: (1) By servoing the output of the REF43’s
2.5 V output across R1, it provides a 20 mA drive to the 350
strain gage. In this way, small changes in the strain gage pro-
duce large differential output voltages across the AMP04’s
inputs. (2) To maximize the circuit’s dynamic range, the other
half of the OP179/OP279 is configured as a supply-splitter
connected to the AMP04’s REF terminal. Thus, tension or
compression in the application can be measured by the circuit.
REF43
AMP04
0.1 F
2
6
4
2.5V
3
1
8
4
2
A1
7
1
8
6
3
2
4
CX
C2
0.1 F
R4
1k
12V
5
VO
80mV/
VO
COMMON
R1
124
0.1%, LOW TCR
100-ft TWISTED PAIR
BELDEN TYPE 9502
S+
S–
350
STRAIN GAGE
F–
F+
A2
12V
R2
10k
R3
10k
C1
10 F
7
6
5
+6V
A1, A2 = 1/2 OP279
12V
20mA DRIVE
Figure 11. A Single-Supply, Remote Strain Gage Signal
Conditioner
The AMP04 is configured for a gain of 100, producing a circuit
sensitivity of 80 mV/
Ω. Capacitor C2 is used across the AMP04’s
Pins 8 and 6 to provide a 16-Hz noise filter. If additional noise
filtering is required, an optional capacitor, CX, can be used across
the AMP04’s input to provide differential-mode noise rejection.
A Single-Supply, Balanced Line Driver
The circuit in Figure 12 is a unique line driver circuit topology
used in professional audio applications and has been modified
for automotive audio applications. On a single 12 V supply, the
line driver exhibits less than 0.02% distortion into a 600
Ω load
across the entire audio band (not shown). For loads greater than
600
Ω, distortion performance improves to where the circuit
exhibits less than 0.002%. The design is a transformerless, balanced
transmission system where output common-mode rejection of
noise is of paramount importance. Like the transformer-based
system, either output can be shorted to ground for unbalanced
line driver applications without changing the circuit gain of 1.
Other circuit gains can be set according to the equation in the
diagram. This allows the design to be easily configured for
noninverting, inverting, or differential operation.
RL
600
C1
22 F
A2
7
6
5
3
1
2
A1
12V
R1
10k
R2
10k
R11
10k
R7
10k
6
7
5
A1
12V
12V
R8
100k
R9
100k
C2
1 F
R12
10k
R14
50
A2
1
2
3
R3
10k
R6
10k
R13
10k
C3
47 F
VO1
VO2
C4
47 F
A1, A2 = 1/2 OP279
GAIN = R3
R2
SET: R7, R10, R11 = R2
SET: R6, R12, R13 = R3
VIN
R5
50
Figure 12. A Single-Supply, Balanced Line Driver for
Automotive Applications


Numéro de pièce similaire - OP279_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP279GP AD-OP279GP Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GRU AD-OP279GRU Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GRU AD-OP279GRU Datasheet
253Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU AD-OP279GRU Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU AD-OP279GRU Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

Description similaire - OP279_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_02 Datasheet
253Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com