Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP27 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce OP27
Description  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP27 Fiches technique(HTML) 4 Page - Analog Devices

  OP27_15 Datasheet HTML 1Page - Analog Devices OP27_15 Datasheet HTML 2Page - Analog Devices OP27_15 Datasheet HTML 3Page - Analog Devices OP27_15 Datasheet HTML 4Page - Analog Devices OP27_15 Datasheet HTML 5Page - Analog Devices OP27_15 Datasheet HTML 6Page - Analog Devices OP27_15 Datasheet HTML 7Page - Analog Devices OP27_15 Datasheet HTML 8Page - Analog Devices OP27_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OP27
Rev. F | Page 4 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
OP27A/E
OP27/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
VOS
10
25
30
100
μV
LONG-TERM VOS STABILITY2, 3
VOS/Time
0.2
1.0
0.4
2.0
μV/MO
INPUT OFFSET CURRENT
IOS
7
35
12
75
nA
INPUT BIAS CURRENT
IB
±10
±40
±15
±80
nA
INPUT NOISE VOLTAGE3, 4
en p-p
0.1 Hz to 10 Hz
0.08
0.18
0.09
0.25
μV p-p
INPUT NOISE
en
fO = 10 Hz
3.5
5.5
3.8
8.0
nV/√Hz
Voltage Density3
fO = 30 Hz
3.1
4.5
3.3
5.6
nV/√Hz
fO = 1000 Hz
3.0
3.8
3.2
4.5
nV/√Hz
INPUT NOISE
in
fO = 10 Hz
1.7
4.0
1.7
pA/√Hz
Current Density3
fO = 30 Hz
1.0
2.3
1.0
pA/√Hz
fO = 1000 Hz
0.4
0.6
0.4
0.6
pA/√Hz
INPUT RESISTANCE
Differential Mode5
RIN
1.3
6
0.7
4
Common Mode
RINCM
3
2
INPUT VOLTAGE RANGE
IVR
±11.0
±12.3
±11.0
±12.3
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±11 V
114
126
100
120
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4 V to ±18 V
1
10
2
20
μV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 k Ω, VO = ±10 V
1000
1800
700
1500
V/
mV
RL ≥ 600 Ω, VO = ±10 V
800
1500
600
1500
V/
mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 k Ω
±12.0
±13.8
±11.5
±13.5
V
RL ≥ 600 Ω
±10.0
±11.5
±10.0
±11.5
V
SLEW RATE6
SR
RL ≥ 2 kΩ
1.7
2.8
1.7
2.8
V/μs
GAIN BANDWIDTH PRODUCT6
GBW
5.0
8.0
5.0
8.0
MHz
OPEN-LOOP OUTPUT RESISTANCE
RO
VO = 0, IO = 0
70
70
Ω
POWER CONSUMPTION
Pd
VO
90
140
100
170
mW
OFFSET ADJUSTMENT RANGE
RP = 10 kΩ
±4.0
±4.0
mV
1 Input offset voltage measurements are performed approximately 0.5 seconds after application of power. A/E grades guaranteed fully warmed up.
2 Long-term input offset voltage stability refers to the average trend line of VOS vs. time over extended periods after the first 30 days of operation. Excluding the initial
hour of operation, changes in VOS during the first 30 days are typically 2.5 μV. Refer to the Typical Performance Characteristics section.
3 Sample tested.
4 See voltage noise test circuit (Figure 31).
5 Guaranteed by input bias current.
6 Guaranteed by design.


Numéro de pièce similaire - OP27_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP270 AD-OP270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
logo
Analog Devices
OP270 AD-OP270 Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
More results

Description similaire - OP27_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com