Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4154 Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD

No de pièce 1N4154
Description  150mA Axial Leaded Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N4154 Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD

  1N4154 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N4154 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
1N4154
Features
·
Fast Switching Speed
·
Suitable for General Logic Applications
·
High Conductance
·
Available in Surface Mount Version
(LL4154)
·
Case: DO-35, Plastic
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Marking: Type Number
·
Polarity: Cathode Band
·
Weight: 0.13 grams (approx.)
Mechanical Data
@ TA = 25
°C unless otherwise specified
Note:
1. Valid provided that leads are kept at ambient temperature.
Characteristic
Symbol
1N4154
Unit
Non-Repetitive Peak Reverse Voltage
VRM
35
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
25
V
RMS Reverse Voltage
VR(RMS)
18
V
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
@ t = 1.0
ms
IFSM
0.5
2.0
A
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +175
°C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage Drop
VFM
¾
1.0
V
IF = 30mA
Maximum Peak Reverse Current
IRM
¾
100
nA
mA
VR = 25V
VR = 25V, Tj = 150
°C
Junction Capacitance
Cj
¾
4.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
150mA Axial Leaded Fast Switching Diode


Numéro de pièce similaire - 1N4154

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4154 VISHAY-1N4154 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 1.8, 16-Feb-07
logo
List of Unclassifed Man...
1N4154 ETC1-1N4154 Datasheet
266Kb / 6P
   silicon diode
logo
EIC discrete Semiconduc...
1N4154 EIC-1N4154 Datasheet
128Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Semtech Corporation
1N4154 SEMTECH-1N4154 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1N4154 BILIN-1N4154 Datasheet
332Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results

Description similaire - 1N4154

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
   150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
   200mA Axial Leaded Fast Switching Diode
BAW75 SUNMATE-BAW75 Datasheet
333Kb / 2P
   150mA Axial Leaded High Speed Switching Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
   150mA Axial Leaded Schottky Barrier Diodes
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
   150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
   150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com