Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXRS614 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADXRS614
Description  50/s Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXRS614 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADXRS614_15 Datasheet HTML 3Page - Analog Devices ADXRS614_15 Datasheet HTML 4Page - Analog Devices ADXRS614_15 Datasheet HTML 5Page - Analog Devices ADXRS614_15 Datasheet HTML 6Page - Analog Devices ADXRS614_15 Datasheet HTML 7Page - Analog Devices ADXRS614_15 Datasheet HTML 8Page - Analog Devices ADXRS614_15 Datasheet HTML 9Page - Analog Devices ADXRS614_15 Datasheet HTML 10Page - Analog Devices ADXRS614_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS614
Rev. A | Page 7 of 12
14
0
50
54
58
62
66
70
74
78
82
86
90
94
98
º/s
12
10
8
6
4
2
Figure 10 .Measurement Range
2.5
–2.5
–40
120
TEMPERATURE (ºC)
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–20
0
20
40
60
80
100
Figure 11. Typical Self-Test Change over Temperature
30
0
(mA)
25
20
15
10
5
Figure 12. Current Consumption at 25°C (VRATIO = 5 V)
40
35
30
25
0
5
10
15
20
2.40 2.42 2.44 2.46 2.48 2.50
2.54 2.56 2.58 2.60
2.52
VOLTS
Figure 13. VTEMP Output at 25°C (VRATIO = 5 V)
3.3
3.1
2.9
2.7
1.5
2.1
1.9
1.7
2.3
2.5
–40
–20
0
20
40
60
100
120
80
TEMPERATURE (°C)
256 PARTS
Figure 14. VTEMP Output over Temperature (VRATIO = 5 V)
60
50
30
40
10
20
–20
–10
0
750
770
810
830
850
790
TIME (ms)
Y
REF
X
+45°
–45°
Figure 15. g and g × g Sensitivity for a 50 g, 10 ms Pulse


Numéro de pièce similaire - ADXRS614_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS614BBGZ AD-ADXRS614BBGZ Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614BBGZ-RL AD-ADXRS614BBGZ-RL Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results

Description similaire - ADXRS614_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com