Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7403 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7403_15 Datasheet HTML 7Page - Analog Devices ADV7403_15 Datasheet HTML 8Page - Analog Devices ADV7403_15 Datasheet HTML 9Page - Analog Devices ADV7403_15 Datasheet HTML 10Page - Analog Devices ADV7403_15 Datasheet HTML 11Page - Analog Devices ADV7403_15 Datasheet HTML 12Page - Analog Devices ADV7403_15 Datasheet HTML 13Page - Analog Devices ADV7403_15 Datasheet HTML 14Page - Analog Devices ADV7403_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADV7403
Pin No.
Mnemonic
Type1
Description
15
SFL/SYNC_OUT
O
Subcarrier Frequency Lock (SFL). This pin contains a serial output stream that can be
used to lock the subcarrier frequency when the decoder is connected to any Analog
Devices, Inc., digital video encoder.
Sliced Sync Output Signal (SYNC_OUT). This pin is only available in CP mode.
16, 82
SCLK1, SCLK2
I
I2C Port Serial Clock Input (Maximum Clock Rate of 400 kHz) Pins. SCLK1 is the clock
line for the control port, and SCLK2 is the clock line for the VBI data readback port.
19, 81
SDA1, SDA2
I/O
I2C Port Serial Data Input/Output Pins. SDA1 is the data line for the control port, and
SDA2 is the data line for the VBI readback port.
35
DCLK_IN
I
Clock Input Signal. This pin is used in 24-bit digital input mode (for example, processing
24-bit RGB data from a DVI receiver IC) and also in digital CVBS input mode.
36
LLC1
O
Line-Locked Output Clock for Pixel Data. This pin range is 12.825 MHz to 140 MHz for
the ADV7403KSTZ-140, and 12.825 MHz to 110 MHz for the ADV7403BSTZ-110.
37
XTAL1
O
Connect this pin to the 28.63636 MHz crystal, or if an external 3.3 V, 28.63636 MHz
clock oscillator source is used to clock the ADV7403, leave this pin as no connect. In
crystal mode, the crystal must be a fundamental crystal.
38
XTAL
I
Input Pin for 28.63636 MHz crystal. To clock the ADV7403, this pin can also be
overdriven by an external 3.3 V, 28.63636 MHz clock oscillator source.
46
ELPF
O
External Loop PLL Filter. Connect the recommend external loop filter to the ELPF pin.
47, 48
PVDD
P
PLL Supply Voltage (1.8 V).
49, 50, 60, 66
AGND
G
Analog Ground.
51
FB
I
Fast Switch Overlay Input. This pin switches between CVBS and RGB analog signals.
52
SOG
I
Sync on Green Input. This pin is used in embedded sync mode.
53 to 58, 71 to 76
AIN1 to AIN12
I
Analog Video Input Channels.
59
TEST1
O
Leave this pin unconnected.
61, 62
CAPY1, CAPY2
I
ADC Capacitor Network.
63
AVDD
P
Analog Supply Voltage (3.3 V).
64
REFOUT
O
Internal Voltage Reference Output.
65
CML
O
Common-Mode Level (CML) Pin for theInternal ADCs.
67
BIAS
O
External Bias Setting Pin. Connect the recommended resistor (1.35 kΩ) between the
BIAS pin and ground.
68, 69
CAPC1, CAPC2
I
ADC Capacitor Network.
70
TEST0
NC
Leave this pin unconnected, or alternately, tie this pin to AGND.
77
SOY
I
Sync on Luma Input. This pin is used in embedded sync mode.
78
RESET
I
System Reset Input (Active Low). A minimum low reset pulse width of 5 ms is required
to reset the circuitry of the ADV7403.
79
DE_IN
I
Data Enable Input Signal. This pin is used in 24-bit digital input port mode (for
example, processing 24-bit RGB data from a DVI receiver IC).
80
ALSB
I
This pin selects the I2C device address for the control and VBI readback ports of the
ADV7403. When ALSB is set to Logic 0, it sets the address for a write to the control
port to Address 0x40 and the readback address for the VBI port to Address 0x21.
When ALSB is set to Logic 1, it sets the address for a write to the control port to
Address 0x42 and the readback address for the VBI port to Address 0x23.
85
VS_IN
I
VS Input Signal. This pin is used in CP mode for 5-wire timing mode.
86
HS_IN/CS_IN
I
Can be configured in CP mode to be either a digital HS input signal or a digital CS
input signal used to extract timing in a 5-wire or 4-wire RGB mode.
98
FIELD/DE
O
Field Synchronization Output Signal for All Interlaced Video Modes (FIELD). This is a
multifunction pin. It can also be enabled as a data enable signal (DE) in CP mode to
allow direct connection to a HDMI/DVI transmitter IC.
99
VS
O
Vertical Synchronization Output Signal (SDP and CP Modes).
1
G = ground, P = power, I = input, O = output, I/O = input/output, and NC = no connect.
Rev. B | Page 11 of 20


Numéro de pièce similaire - ADV7403_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403BSTZ-110 AD-ADV7403BSTZ-110 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403BSTZ-1102 AD-ADV7403BSTZ-1102 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403KSTZ-140 AD-ADV7403KSTZ-140 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403KSTZ-1402 AD-ADV7403KSTZ-1402 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
More results

Description similaire - ADV7403_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com