Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7403 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Fiches technique(HTML) 4 Page - Analog Devices

  ADV7403_15 Datasheet HTML 1Page - Analog Devices ADV7403_15 Datasheet HTML 2Page - Analog Devices ADV7403_15 Datasheet HTML 3Page - Analog Devices ADV7403_15 Datasheet HTML 4Page - Analog Devices ADV7403_15 Datasheet HTML 5Page - Analog Devices ADV7403_15 Datasheet HTML 6Page - Analog Devices ADV7403_15 Datasheet HTML 7Page - Analog Devices ADV7403_15 Datasheet HTML 8Page - Analog Devices ADV7403_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV7403
Data Sheet
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V, nominal input range 1.6 V.
Operating temperature range, unless otherwise noted is TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7403KSTZ-140).
To obtain all specifications the following write sequence must be included in the programming scripts: Address 0x0E to Data 0x80, Address 0x54
to Data 0x00, and Address 0x0E to Data 0x00.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution (Each ADC)
N
122
Bits
Integral Nonlinearity
INL
Best straight line (BSL) at 27 MHz at
a 12-bit level
±2.0
±8.02
LSB
BSL at 54 MHz at a 12-bit level
−2.0/+2.5
LSB
BSL at 74 MHz at a 10-bit level
±1.0
LSB
BSL at 110 MHz at a 10-bit level
−3.0/+3.0
LSB
BSL at 135 MHz at an 8-bit level3
±1.3
LSB
Differential Nonlinearity
DNL
At 27 MHz at a 12-bit level
−0.7/+0.85
−0.99/+2.52
LSB
At 54 MHz at a 12-bit level
−0.75/+0.9
LSB
At 74 MHz at a 10-bit level
±0.75
LSB
At 110 MHz at a 10-bit level
−0.7/+5.0
LSB
At 135 MHz at an 8-bit level3
−0.8/+2.5
LSB
DIGITAL INPUTS
Input High Voltage4
VIH
2
V
Input Low Voltage5
VIL
0.8
V
Input High Voltage
VIH
HS_IN, VS_IN low trigger mode
0.7
V
Input Low Voltage
VIL
HS_IN, VS_IN low trigger mode
0.3
V
Input Current
IIN
P20 to P29, P31 to P40, SCLK2, SDA2,
DCLK_IN, DE_IN, RESET
−60
+60
µA
All other input pins
−10
+10
µA
Input Capacitance6
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage7
VOH
ISOURCE = 0.4 mA
2.4
V
Output Low Voltage7
VOL
ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
ILEAK
INT, P20 to P29, SDA2
60
µA
All other output pins
10
µA
Output Capacitance6
COUT
20
pF
POWER REQUIREMENTS6
Digital Core Power Supply
DVDD
1.65
1.8
2
V
Digital Input/Output Power Supply
DVDDIO
3.0
3.3
3.6
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Analog Power Supply
AVDD
3.15
3.3
3.45
V
Digital Core Supply Current
IDVDD
CVBS input sampling at 54 MHz
105
mA
Graphics RGB sampling at 135 MHz
137
mA
SCART RGB FB sampling at 54 MHz
106
mA
Digital Input/Output Supply Current
IDVDDIO
CVBS input sampling at 54 MHz
4
mA
Graphics RGB sampling at 135 MHz
19
mA
PLL Supply Current
IPVDD
CVBS input sampling at 54 MHz
11
mA
Graphics RGB sampling at135 MHz
12
mA
Rev. B | Page 4 of 20


Numéro de pièce similaire - ADV7403_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403BSTZ-110 AD-ADV7403BSTZ-110 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403BSTZ-1102 AD-ADV7403BSTZ-1102 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403KSTZ-140 AD-ADV7403KSTZ-140 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7403KSTZ-1402 AD-ADV7403KSTZ-1402 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
More results

Description similaire - ADV7403_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com