Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7392 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADV7392 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 108 page Low Power, Chip Scale, 10-Bit SD/HD Video Encoder Data Sheet ADV7390/ADV7391/ADV7392/ADV7393 FEATURES 3 high quality, 10-bit video DACs 16× (216 MHz) DAC oversampling for SD 8× (216 MHz) DAC oversampling for ED 4× (297 MHz) DAC oversampling for HD 37 mA maximum DAC output current Multiformat video input support 4:2:2 YCrCb (SD, ED, and HD) 4:4:4 RGB (SD) Multiformat video output support Composite (CVBS) and S-Video (Y-C) Component YPrPb (SD, ED, and HD) Component RGB (SD, ED, and HD) Lead frame chip scale package (LFCSP) options 32-lead, 5 mm × 5 mm LFCSP 40-lead, 6 mm × 6 mm LFCSP Wafer level chip scale package (WLCSP) option 30-ball, 5 × 6 WLCSP with single DAC output Advanced power management Patented content-dependent low power DAC operation Automatic cable detection and DAC power-down Individual DAC on/off control Sleep mode with minimal power consumption 74.25 MHz 8-/10-/16-bit high definition input support Compliant with SMPTE 274M (1080i), 296M (720p), and 240M (1035i) EIA/CEA-861B compliance support NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz) Macrovision Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant Copy generation management system (CGMS) Closed captioning and wide screen signaling (WSS) Integrated subcarrier locking to external video source Complete on-chip video timing generator On-chip test pattern generation Programmable features Luma and chroma filter responses Vertical blanking interval (VBI) Subcarrier frequency (fSC) and phase Luma delay High definition (HD) programmable features (720p/1080i/1035i) 4× oversampling (297 MHz) Internal test pattern generator Color and black bar, hatch, flat field/frame Fully programmable YCrCb to RGB matrix Gamma correction Programmable adaptive filter control Programmable sharpness filter control CGMS (720p/1080i) and CGMS Type B (720p/1080i) Dual data rate (DDR) input support Enhanced definition (ED) programmable features (525p/625p) 8× oversampling (216 MHz output) Internal test pattern generator Black bar, hatch, flat field/frame Individual Y and PrPb output delay Gamma correction Programmable adaptive filter control Fully programmable YCrCb to RGB matrix Undershoot limiter Macrovision Rev 1.2 (525p/625p) (ADV7390/ADV7392 only) CGMS (525p/625p) and CGMS Type B (525p) Dual data rate (DDR) input support Standard definition (SD) programmable features 16× oversampling (216 MHz) Internal test pattern generator Color and black bar Controlled edge rates for start and end of active video Individual Y and PrPb output delay Undershoot limiter Gamma correction Digital noise reduction (DNR) Multiple chroma and luma filters Luma-SSAF filter with programmable gain/attenuation PrPb SSAF Separate pedestal control on component and composite/S-Video output VCR FF/RW sync mode Macrovision Rev 7.1.L1 (ADV7390/ADV7392 only) Copy generation management system (CGMS) Wide screen signaling (WSS) Closed captioning Serial MPU interface with I2C compatibility 2.7 V or 3.3 V analog operation 1.8 V digital operation 1.8 V or 3.3 V I/O operation Temperature range: −40°C to +85°C W Grade automotive range: −40°C to +105°C Qualified for automotive applications Rev. H Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2006-2014 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com |
Numéro de pièce similaire - ADV7392_15 |
|
Description similaire - ADV7392_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |