Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7390 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7390
Description  Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7390 Fiches technique(HTML) 5 Page - Analog Devices

  ADV7390_15 Datasheet HTML 1Page - Analog Devices ADV7390_15 Datasheet HTML 2Page - Analog Devices ADV7390_15 Datasheet HTML 3Page - Analog Devices ADV7390_15 Datasheet HTML 4Page - Analog Devices ADV7390_15 Datasheet HTML 5Page - Analog Devices ADV7390_15 Datasheet HTML 6Page - Analog Devices ADV7390_15 Datasheet HTML 7Page - Analog Devices ADV7390_15 Datasheet HTML 8Page - Analog Devices ADV7390_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Data Sheet
ADV7390/ADV7391/ADV7392/ADV7393
APPLICATIONS
Mobile handsets
Digital still cameras
Portable media and DVD players
Portable game consoles
Digital camcorders
Set-top box (STB)
Automotive infotainment (ADV7392 and ADV7393 only)
GENERAL DESCRIPTION
The ADV7390/ADV7391/ADV7392/ADV7393 are a family of
high speed, digital-to-analog video encoders on single monolithic
chips. Three 2.7 V/3.3 V, 10-bit video DACs (a single DAC for
the WLCSP package) provide support for composite (CVBS),
S-Video (Y-C), or component (YPrPb/RGB) analog outputs in
either standard definition (SD) or high definition (HD) video
formats. The single DAC WLCSP package supports CVBS
(NTSC and PAL) output only in SD resolution (see Table 2).
Optimized for low power operation, occupying a minimal
footprint, and requiring few external components, these
encoders are ideally suited to portable and power-sensitive
applications requiring TV-out functionality. Cable detection
and DAC autopower-down features ensure that power
consumption is kept to a minimum.
The ADV7390/ADV7391 have an 8-bit video input port that
supports SD video formats over an SDR interface and HD video
formats over a DDR interface. The ADV7392/ADV7393 have
a 16-bit video input port that can be configured in a variety of
ways. SD RGB input is supported.
All members of the family support embedded EAV/SAV timing
codes, external video synchronization signals, and the I2C® and
communication protocol. Table 1 and Table 2 list the video
standards directly supported by the ADV739x family.
Table 1. Standards Directly Supported by the LFCSP Packages
Active
Resolution
I/P1
Frame
Rate (Hz)
Clock Input
(MHz)
Standard
720 × 240
P
59.94
27
720 × 288
P
50
27
720 × 480
I
29.97
27
ITU-R
BT.601/656
720 × 576
I
25
27
ITU-R
BT.601/656
640 × 480
I
29.97
24.54
NTSC Square
Pixel
768 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE 293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R BT.1358
720 × 576
P
50
27
ITU-R BT.1358
720 × 483
P
59.94
27
ITU-R BT.1362
720 × 576
P
50
27
ITU-R BT.1362
1920 × 1035
I
30
74.25
SMPTE 240M
1920 × 1035
I
29.97
74.1758
SMPTE 240M
1280 × 720
P
60, 50, 30,
25, 24
74.25
SMPTE 296M
1280 × 720
P
23.97,
59.94, 29.97
74.1758
SMPTE 296M
1920 × 1080
I
30, 25
74.25
SMPTE 274M
1920 × 1080
I
29.97
74.1758
SMPTE 274M
1920 × 1080
P
30, 25, 24
74.25
SMPTE 274M
1920 × 1080
P
23.98, 29.97
74.1758
SMPTE 274M
1920 × 1080
P
24
74.25
ITU-R BT.709-5
1
I = interlaced, P = progressive.
Table 2. Standards Directly Supported by the WLCSP Package
Active
Resolution
I/P1
Frame
Rate (Hz)
Clock Input
(MHz)
Standard
720 × 480
I
29.97
27
ITU-R
BT.601/656
720 × 576
I
25
27
ITU-R
BT.601/656
640 × 480
I
29.97
24.54
NTSC Square
Pixel
768 × 576
I
25
29.5
PAL Square
Pixel
1
I = interlaced, P = progressive.
Rev. H | Page 5 of 108


Numéro de pièce similaire - ADV7390_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7390BCPZ AD-ADV7390BCPZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390BCPZ-REEL AD-ADV7390BCPZ-REEL Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390EBZ AD-ADV7390EBZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
More results

Description similaire - ADV7390_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com