Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7343 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADV7343 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 108 page Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs Data Sheet ADV7342/ADV7343 Rev. Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006–2012 Analog Devices, Inc. All rights reserved. FEATURES 74.25 MHz 16-/24-bit high definition input support Compliant with SMPTE 274M (1080i), 296M (720p), and 240M (1035i) Six 11-bit, 297 MHz video DACs 16× (216 MHz) DAC oversampling for SD 8× (216 MHz) DAC oversampling for ED 4× (297 MHz) DAC oversampling for HD 37 mA maximum DAC output current NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz) Multiformat video input support 4:2:2 YCrCb (SD, ED, and HD), 4:4:4 YCrCb (ED and HD), and 4:4:4 RGB (SD, ED, and HD) Multiformat video output support Composite (CVBS) and S-Video (Y-C) Component YPrPb (SD, ED, and HD) Component RGB (SD, ED, and HD) Macrovision Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant Simultaneous SD and ED/HD operation EIA/CEA-861B compliance support Copy generation management system (CGMS) Closed captioning and wide screen signaling (WSS) Integrated subcarrier locking to external video source Complete on-chip video timing generator On-chip test pattern generation On-board voltage reference (optional external input) Programmable features Luma and chroma filter responses Vertical blanking interval (VBI) Subcarrier frequency (FSC) and phase Luma delay High definition (HD) programmable features (720p/1080i/1035i) 4× oversampling (297 MHz) Internal test pattern generator Fully programmable YCrCb to RGB matrix Gamma correction Programmable adaptive filter control Programmable sharpness filter control CGMS (720p/1080i) and CGMS Type B (720p/1080i) Undershoot limiter Dual data rate (DDR) input support Enhanced definition(ED) programmable features (525p/625p) 8× oversampling (216 MHz output) Internal test pattern generator Black bar, hatch, flat field/frame Individual Y and PrPb output delay Gamma correction Programmable adaptive filter control Fully programmable YCrCb to RGB matrix Undershoot limiter Macrovision Rev 1.2 (525p/625p) (ADV7342 only) CGMS (525p/625p) and CGMS Type B (525p) Dual data rate (DDR) input support Standard definition (SD) programmable features 16× oversampling (216 MHz) Internal test pattern generator Color and black bar Controlled edge rates for start and end of active video Individual Y and PrPb output delay Undershoot limiter Gamma correction Digital noise reduction (DNR) Multiple chroma and luma filters Luma-SSAF filter with programmable gain/attenuation PrPb SSAF Separate pedestal control on component and composite/S-Video output VCR FF/RW sync mode Macrovision Rev 7.1.L1 (ADV7342 only) Copy generation management system (CGMS) Wide screen signaling Closed captioning Serial MPU interface with I2C compatibility 3.3 V analog operation, 1.8 V digital operation, and 1.8 V or 3.3 V I/O operation Temperature range: −40°C to +85°C APPLICATIONS DVD recorders and players High definition Blu-ray DVD players D |
Numéro de pièce similaire - ADV7343_15 |
|
Description similaire - ADV7343_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |