Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7301A Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Fiches technique(HTML) 4 Page - Analog Devices

  ADV7301A_15 Datasheet HTML 1Page - Analog Devices ADV7301A_15 Datasheet HTML 2Page - Analog Devices ADV7301A_15 Datasheet HTML 3Page - Analog Devices ADV7301A_15 Datasheet HTML 4Page - Analog Devices ADV7301A_15 Datasheet HTML 5Page - Analog Devices ADV7301A_15 Datasheet HTML 6Page - Analog Devices ADV7301A_15 Datasheet HTML 7Page - Analog Devices ADV7301A_15 Datasheet HTML 8Page - Analog Devices ADV7301A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
REV. A
–4–
ADV7300A/ADV7301A
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
62
dB
Luma Ramp Unweighted
SNR
78
dB
Flat Field up to 5 MHz
SNR
72
dB
Flat Field Full Bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
SNR
62
dB
Luma Ramp Unweighted
SNR
78
dB
Flat Field up to 5 MHz
SNR
72
dB
Flat Field Full Bandwidth
STANDARD DEFINITION MODE
Hue Accuracy
0.2
Degrees
Color Saturation Accuracy
0.5
%
Chroma Nonlinear Gain
±0.4
%
Referenced to 40 IRE
Chroma Nonlinear Phase
±0.3
Degrees
Chroma/Luma Intermodulation
±0.05
%
Chroma/Luma Gain Inequality
±98
%
Chroma/Luma Delay Inequality
0.9
ns
Luminance Nonlinearity
±0.4
%
Chroma AM Noise
84
dB
Chroma PM Noise
74
dB
Differential Gain
0.6
%
NTSC
Differential Phase
1.4
Degrees
NTSC
SNR
62
dB
Luma Ramp
SNR
78
dB
Flat Field up to 5 MHz
SNR
72
dB
Flat Field Full Bandwidth
Specifications subject to change without notice.
(VAA = VDD = 2.375 V–2.625 V, VDD_IO = 2.375 V–3.600 V, VREF = 1.235 V, RSET = 760
,
RLOAD = 150
, TMIN to TMAX (0 C to 70 C), unless otherwise noted.)


Numéro de pièce similaire - ADV7301A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7301AKST AD-ADV7301AKST Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results

Description similaire - ADV7301A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com