Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7183A Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7183A
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7183A Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7183A_15 Datasheet HTML 4Page - Analog Devices ADV7183A_15 Datasheet HTML 5Page - Analog Devices ADV7183A_15 Datasheet HTML 6Page - Analog Devices ADV7183A_15 Datasheet HTML 7Page - Analog Devices ADV7183A_15 Datasheet HTML 8Page - Analog Devices ADV7183A_15 Datasheet HTML 9Page - Analog Devices ADV7183A_15 Datasheet HTML 10Page - Analog Devices ADV7183A_15 Datasheet HTML 11Page - Analog Devices ADV7183A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
ADV7183A
Rev. B | Page 8 of 104
TIMING SPECIFICATIONS
Guaranteed by characterization. AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V; operating
temperature range, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
27.00
MHz
Frequency Stability
±50
ppm
I2C PORT
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
µs
SCLK Min Pulse Width Low
t2
1.3
µs
Hold Time (Start Condition)
t3
0.6
µs
Setup Time (Start Condition)
t4
0.6
µs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% Duty Cycle
LLC1 Rising to LLC2 Rising
t11
0.5
ns
LLC1 Rising to LLC2 Falling
t12
0.5
ns
DATA AND CONTROL OUTPUTS
Data Output Transitional Time
t13
Negative clock edge to start of
valid data (tACCESS = t10 – t13)
6
ns
Data Output Transitional Time
t14
End of valid data to negative
clock edge (tHOLD = t9 + t14)
0.6
ns
Propagation Delay to Hi-Z
t15
6
ns
Max Output Enable Access Time
t16
7
ns
Min Output Enable Access Time
t17
4
ns
ANALOG SPECIFICATIONS
Guaranteed by characterization. AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V; operating
temperature range, unless otherwise noted. Recommended analog input video signal range: 0.5 V – 1.6 V, typically 1 V p-p.
Table 4.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
µF
Input Impedance
Clamps switched off
10
MΩ
Large Clamp Source Current
0.75
mA
Large Clamp Sink Current
0.75
mA
Fine Clamp Source Current
60
µA
Fine Clamp Sink Current
60
µA
THERMAL SPECIFICATIONS
Table 5.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
THERMAL CHARACTERISTICS
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane
7.6
°C/W
Junction-to-Ambient Thermal Resistance (Still Air)
θJA
4-layer PCB with solid ground plane
38.1
°C/W


Numéro de pièce similaire - ADV7183A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7183ABST AD-ADV7183ABST Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183AKST AD-ADV7183AKST Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
More results

Description similaire - ADV7183A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com