Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7171 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7171
Description  Digital PAL/NTSC Video Encoder with 10-Bit
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7171 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7171_15 Datasheet HTML 4Page - Analog Devices ADV7171_15 Datasheet HTML 5Page - Analog Devices ADV7171_15 Datasheet HTML 6Page - Analog Devices ADV7171_15 Datasheet HTML 7Page - Analog Devices ADV7171_15 Datasheet HTML 8Page - Analog Devices ADV7171_15 Datasheet HTML 9Page - Analog Devices ADV7171_15 Datasheet HTML 10Page - Analog Devices ADV7171_15 Datasheet HTML 11Page - Analog Devices ADV7171_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADV7170/ADV7171
Rev. C | Page 8 of 64
VAA = 3.0 V to 3.6 V1, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX2, unless otherwise noted.
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT3, 4
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulse Width, t1
0.6
μs
SCLOCK Low Pulse Width, t2
1.3
μs
Hold Time (Start Condition), t3
After this period the first clock is generated
Relevant for repeated start condition
0.6
μs
Setup Time (Start Condition), t4
0.6
μs
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
μs
ANALOG OUTPUTS3, 5
Analog Output Delay
7
ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND PIXEL PORT4, 5, 6
fCLOCK
27
MHz
Clock High Time, t9
8
ns
Clock Low Time, t10
8
ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4
ns
Control Setup Time, t11
4
ns
Control Hold Time, t12
3
ns
Digital Output Access Time, t13
12
ns
Digital Output Hold Time, t14
8
ns
Pipeline Delay, t15
48
Clock cycles
TELETEXT3, 4, 7
Digital Output Access Time, t16
23
ns
Data Setup Time, t17
2
ns
Data Hold Time, t18
6
ns
RESET CONTROL3, 4
RESET Low Time
6
ns
1 The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V range.
2 Ambient temperature range TMIN to TMAX: −40°C to +85°C. The die temperature, TJ, must always be kept below 110°C.
3 TTL input values are 0 V to 3 V, with input rise/fall times ≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Analog output load ≤10 pF.
4 Guaranteed by characterization
5 Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition
6 Pixel Port consists of the following:
Pixel inputs:
P15–P0
Pixel controls:
HSYNC, FIELD/VSYNC, BLANK
Clock input:
CLOCK
7 Teletext port consists of the following:
Teletext output: TTXREQ
Teletext input:
TTX


Numéro de pièce similaire - ADV7171_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7171KS AD-ADV7171KS Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ-REEL AD-ADV7171KSUZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ AD-ADV7171KSZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ-REEL AD-ADV7171KSZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
More results

Description similaire - ADV7171_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com